Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7650CPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7650CPA
Description  Chopper Stabilized Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650CPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7650CPA Datasheet HTML 4Page - Microchip Technology TC7650CPA Datasheet HTML 5Page - Microchip Technology TC7650CPA Datasheet HTML 6Page - Microchip Technology TC7650CPA Datasheet HTML 7Page - Microchip Technology TC7650CPA Datasheet HTML 8Page - Microchip Technology TC7650CPA Datasheet HTML 9Page - Microchip Technology TC7650CPA Datasheet HTML 10Page - Microchip Technology TC7650CPA Datasheet HTML 11Page - Microchip Technology TC7650CPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC7650
DS21463C-page 8
 2001-2012 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
OUTPUT VOLTAGE (V)
Positive Clamp Current
vs. Output Voltage
1 mA
0.1 mA
0.01 mA
1 A
m
0.1 A
0.01 A
m
1 nA
1 pA
0.01 nA
0.1 nA
m
-4.0 -4.1 -4.2 -4.3 -4.4 -4.5 -4.6 -4.7 -4.8 -4.9 -5.0
OUTPUT VOLTAGE (V)
Negative Clamp Current
vs. Output Voltage
3.0
2.6
2.2
1.8
1.0
1.4
5
6
7
8
9
10 1112
1314 15
SUPPLY VOLTAGE (V)
Supply Current vs.
Supply Voltage
Gain/Phase vs. Frequency
30
20
10
0
–10
–20
–30
–40
–50
–60
1k
10k
100k
1M
10M
225
180
135
90
45
0
-45
-90
-135
-180
FREQUENCY (H )
z
1 mA
0.1 mA
0.01 mA
1 A
m
0.1 A
0.01 A
m
1 nA
1 pA
0.01 nA
0.1 nA
m
CLOSED-LOOP
GAIN = 20
PHASE
GAIN
TA = +25˚C
VS = ±5V
TA = +25˚C
VS = ±5V
TA = +25˚C


Similar Part No. - TC7650CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650CPA TELCOM-TC7650CPA Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650CPA MICROCHIP-TC7650CPA Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
More results

Similar Description - TC7650CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Maxim Integrated Produc...
MAX420 MAXIM-MAX420 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
logo
Microchip Technology
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com