Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-69518-11S Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 10-69518-11S
Description  Amphenol QWL Series Cylindrical Connectors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10-69518-11S Datasheet(HTML) 4 Page - Amphenol Corporation

  10-69518-11S Datasheet HTML 1Page - Amphenol Corporation 10-69518-11S Datasheet HTML 2Page - Amphenol Corporation 10-69518-11S Datasheet HTML 3Page - Amphenol Corporation 10-69518-11S Datasheet HTML 4Page - Amphenol Corporation 10-69518-11S Datasheet HTML 5Page - Amphenol Corporation 10-69518-11S Datasheet HTML 6Page - Amphenol Corporation 10-69518-11S Datasheet HTML 7Page - Amphenol Corporation 10-69518-11S Datasheet HTML 8Page - Amphenol Corporation 10-69518-11S Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
3
QWL
the environmental connector
• HIGH CURRENT CAPACITY for power distribution network and inputs to
large equipment
• RUGGED CONSTRUCTION dictated by the working environment, high
strength aluminum shells with Alumilite 225* hard anodic finish, shock resis-
tant resilient inserts, gaskets or “O” rings at appropriate surfaces for perfect
weather tight connections.
• SERVICEABILITY AND FOOL-PROOF OPERATION with fast coupling, easily
maintained double stub threads, left hand accessory threads and single
keyway mating.
• VERSATILITY - both MS and custom insert patterns available to accommo-
date a wide variety of multi conductor cables.
CONDITION
CONFIGURATION
DESCRIPTION
REFERENCE
THERMAL
SHOCK
UNMATED
Five complete one hour temperature
cycles of –55°C to +125°C
MIL-STD-1344
method 1003
test condition
MOISTURE
RESISTANCE
(Cable mounted
connectors)
MATED
Ten complete 24 hour cycles of
+25°C to +65°C temperature at 90%
to 98% humidity
MIL-STD-202
method 106
DURABILITY
MATED
500 complete mating/unmating cycles
MIL-C-22992
SALT SPRAY
(Corrosion)
UNMATED
48 hour exposure to atomized 5%
saline solution at +35°C
MIL-STD-1344
method 1001
VIBRATION
MATED
10 to 55 Hz, .06 inch total excursion
in 1 minute cycles for 6 hours
55 to 2000 Hz, 10G peak amplitude
sweep
MIL-STD-1344
method 2005
HIGH IMPACT
MATED
Nine hammer blows from 1, 3 and
5 feet, three each in three axes
on mounting panel
MIL-STD-202
method 207
FLUID
IMMERSION
UNMATED
20 hours immersion in hydraulic
fluid and lubricating oil
MIL-C-22992
WATER
IMMERSION
MATED
4 hours immersion at 1 atmosphere
pressure differential
MIL-C-22992
* Registered trademark of Aluminum
Company of America
• HIGH CURRENT CAPACITY for power distribution network and inputs to
large equipment
• RUGGED CONSTRUCTION dictated by the working environment, high
strength aluminum shells with Alumilite 225* hard anodic finish, shock resis-
tant resilient inserts, gaskets or “O” rings at appropriate surfaces for perfect
weather tight connections.
• SERVICEABILITY AND FOOL-PROOF OPERATION with fast coupling, easily
maintained double stub threads, left hand accessory threads and single
keyway mating.
• VERSATILITY - both MS and custom insert patterns available to accommo-
date a wide variety of multi conductor cables.


Similar Part No. - 10-69518-11S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
10-600-LPI BEL-10-600-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
logo
List of Unclassifed Man...
10-621 ETC2-10-621 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
10-621 ETC2-10-621 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Molex Electronics Ltd.
10-63-3024 MOLEX11-10-63-3024 Datasheet
55Kb / 1P
   SPOX 5/7.5 PITCH REC HSG
10-63-3034 MOLEX11-10-63-3034 Datasheet
55Kb / 1P
   SPOX 5/7.5 PITCH REC HSG
More results

Similar Description - 10-69518-11S

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-109628-21S AMPHENOL-10-109628-21S Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com