Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5552BRZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5552BRZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5552BRZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5552BRZ Datasheet HTML 2Page - Analog Devices AD5552BRZ Datasheet HTML 3Page - Analog Devices AD5552BRZ Datasheet HTML 4Page - Analog Devices AD5552BRZ Datasheet HTML 5Page - Analog Devices AD5552BRZ Datasheet HTML 6Page - Analog Devices AD5552BRZ Datasheet HTML 7Page - Analog Devices AD5552BRZ Datasheet HTML 8Page - Analog Devices AD5552BRZ Datasheet HTML 9Page - Analog Devices AD5552BRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5551/AD5552
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
AGND 2
VREF 3
CS 4
VDD
8
DGND
7
DIN
6
SCLK
5
AD5551
TOP VIEW
(Not to Scale)
Figure 4. AD5551 Pin Configuration
RFB 1
VOUT 2
AGNDF 3
AGNDS 4
VDD
14
INV
13
DGND
12
LDAC
11
VREFS 5
DIN
10
VREFF 6
NC
9
CS 7
SCLK
8
AD5552
TOP VIEW
(Not to Scale)
NC = NO CONNECNT
Figure 5. AD5552 Pin Configuration
Table 4. AD5551 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Analog Output Voltage from the DAC.
2
AGND
Ground Reference Point for Analog Circuitry.
3
VREF
This is the voltage reference input for the DAC. Connect to external reference ranges from 2 V to VDD.
4
CS
This is an active low-logic input signal. The chip select signal is used to frame the serial data input.
5
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be between 40%
and 60%.
6
DIN
Serial Data Input. This device accepts 14-bit words. Data is clocked into the input register on the rising edge of SCLK.
7
DGND
Digital Ground. Ground reference for digital circuitry.
8
VDD
Analog Supply Voltage, 2.7 V to 5.5 V ± 10%.
Table 5. AD5552 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFB
Feedback Resistor. In bipolar mode, connect this pin to external op amp output.
2
VOUT
Analog Output Voltage from the DAC.
3
AGNDF
Ground Reference Point for Analog Circuitry (Force).
4
AGNDS
Ground Reference Point for Analog Circuitry (Sense).
5
VREFS
This is the voltage reference input (sense) for the DAC. Connect to external reference ranges from 2 V to VDD.
6
VREFF
This is the voltage reference input (force) for the DAC. Connect to external reference ranges from 2 V to VDD.
7
CS
This is an active low-logic input signal. The chip select signal is used to frame the serial data input.
8
SCLK
Clock input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be between 40%
and 60%.
9
NC
No Connect.
10
DIN
Serial Data Input. This device accepts 14-bit words. Data is clocked into the input register on the rising edge of SCLK.
11
LDAC
LDAC Input. When this input is taken low, the DAC register is simultaneously updated with the contents of the
input register.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
INV
Connected to the internal scaling resistors of the DAC. Connect the INV pin to external op amps inverting input in
bipolar mode.
14
VDD
Analog Supply Voltage, 2.7 V to 5.5 V ± 10%.


Similar Part No. - AD5552BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5552BR AD-AD5552BR Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
More results

Similar Description - AD5552BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com