Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33.053 Datasheet(PDF) 8 Page - Altech corporation

Part # 33.053
Description  US Pin Spacinga Tubular Screw Clamp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

33.053 Datasheet(HTML) 8 Page - Altech corporation

Back Button 33.053 Datasheet HTML 4Page - Altech corporation 33.053 Datasheet HTML 5Page - Altech corporation 33.053 Datasheet HTML 6Page - Altech corporation 33.053 Datasheet HTML 7Page - Altech corporation 33.053 Datasheet HTML 8Page - Altech corporation 33.053 Datasheet HTML 9Page - Altech corporation 33.053 Datasheet HTML 10Page - Altech corporation 33.053 Datasheet HTML 11Page - Altech corporation 33.053 Datasheet HTML 12Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
119
®
®
L
®
®
®
®
3.65mm
mm
0.7mm
®
Wire Range
Current
Voltage
0.5-2.5mm2
10A
250V
28-14 AWG
15A
300V
28-14 AWG
15A
300V
IEC/VDE
Wire Range
Current
Voltage
0.5-2.5mm2
10A
250V
28-14 AWG
15A
300V
28-14 AWG
15A
300V
Ratings
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK(Z)3000/1
32.101
7.20 ( .28)
200 b
AK(Z)3000/2
32.102
12.20 ( .48)
100
AK(Z)3000/3
32.103
17.20 ( .67)
100
AK(Z)3000/4
32.104
22.20 ( .87)
50
AK(Z)3000/5
32.105
27.20 (1.07)
50
AK(Z)3000/6
32.106
32.20 (1.28)
50
AK(Z)3000/7
32.107
37.20 (1.46)
30
AK(Z)3000/8
32.108
42.20 (1.66)
30
AK(Z)3000/9
32.109
47.20 (1.85)
30
AK(Z)3000/10
32.110
52.20 (2.25)
30
AK(Z)3000/11
32.111
57.20 (2.25)
20
AK(Z)3000/12
32.112
62.20 (2.44)
20
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
aBlocks with metric pin spacing
begin on page 132.
Terminal Block,
US (Inch) Pin Spacing
Terminal Block,
US (Inch) Pin Spacing
With Flat Push Lever
AK(Z)3001FD/1
32.301
7.90 ( .31)
200 b
AK(Z)3001FD/2
32.302
12.90 ( .50)
100
AK(Z)3001FD/3
32.303
17.90 ( .70)
100
AK(Z)3001FD/4
32.304
22.90 ( .90)
50
AK(Z)3001FD/5
32.305
27.90 (1.10)
50
AK(Z)3001FD/6
32.306
32.90 (1.30)
50
AK(Z)3001FD/7
32.307
37.90 (1.49)
30
AK(Z)3001FD/8
32.308
42.90 (1.69)
30
AK(Z)3001FD/9
32.309
47.90 (1.89)
30
AK(Z)3001FD/10 32.310
52.90 (2.08)
30
AK(Z)3001FD/11 32.311
57.90 (2.28)
20
AK(Z)3001FD/12 32.312
62.90 (2.44)
20
AP3001
32.200
50
No. of
Ordering Information
Polesc
1b
2 through 12 pole assemblies
2
include one end plate
3
4
5
6
7
8
9
10
11
12
1b
2 through 12 pole assemblies
2
include one end plate
3
4
5
6
7
8
9
10
11
12
End Plate
Pin Spacing 5.08mm (.200)d
Stripping Length 6mm (.236)
Pin Spacing 5.08mm (.200)e
Stripping Length 6mm (.236)
AP3000
32.100
50
AK(Z)3000
45
° Wire Entry
Without Lever
d 5mm (.197") nominal pin spacing is adjustable to
5.08mm (.200")
e 5mm (.197") nominal pn spacing is adjustable to
5.08mm (.200")
b Supplied as 50 pole break apart assemblies, includes one
end plate. Order additional end plates separately
c Up to 50 poles available, please consult Altech
AK(Z)3001KD
45
° Wire Entry
With Grooved Push Lever
AK(Z)3001FD
45
° Wire Entry
With Flat Push Lever
With Grooved Push Lever
AK(Z)3001KD/1
32.201
7.90 ( .31)
200 b
AK(Z)3001KD/2
32.202
12.90 ( .50)
100
AK(Z)3000KD/3
32.203
17.90 ( .70)
100
AK(Z)3001KD/4
32.204
22.90 ( .90)
50
AK(Z)3001KD/5
32.205
27.90 (1.10)
50
AK(Z)3001KD/6
32.206
32.90 (1.30)
50
AK(Z)3001KD/7
32.207
37.90 (1.49)
30
AK(Z)3001KD/8
32.208
42.90 (1.69)
30
AK(Z)3001KD/9
32.209
47.90 (1.89)
30
AK(Z)3001KD/10 32.210
52.90 (2.08)
30
AK(Z)3001KD/11 32.211
57.90 (2.28)
20
AK(Z)3001KD/12 32.212
62.90 (2.44)
20
Dimensions
mm
in.
mm
in.
0.70
0.028
5.80
0.228
2.70
0.106
9.40
0.370
3.65
0.144
12.90
0.508
4.00
0.157
14.20
0.559
4.70
0.185
5.00
0.197
FIXED PRINTED CIRCUIT
US Pin Spacinga
Dual Pin Screwless Spring
Clamp
Choose from 3 methods of clamp actuation:
Type AK(Z)3000 - Insert a small screwdriver
with a tip width up to 3mm (approx. 1/8") into
slot in housing and push to open clamp.
Type AK(Z)3001KD - Push on grooved lever
with screwdriver to open clamp.
Type AK(Z)3001FD - Simply push flat lever
with finger to open clamp.
• Interlocking Sectional Design
• Stainless Steel Spring
• Front to Rear Pin Spacing,
5mm (.197 in.)
• Multipole Assemblies Supplied with End
Plate Installed.
• Housing Material: Polyamide 6.6
• Standard Color: Light Gray
5mm
®
®
®
®
L
®
3.65mm
®
®
®
®
14.2mm
5mm
®
®
®
0.7mm
®
®
14.2mm
®
®
2.7mm
®
3.65m
®
5mm
®
®
5mm
5mm
®
®
®
®
4.7mm
14.2mm
®
®
®
®
5mm
m
AK(Z)3001KD
AK(Z)3001FD
PREVIOUS
HOME
NEXT
FIND IT


Similar Part No. - 33.053

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
33.112 SCHURTER-33.112 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
33.112-ND SCHURTER-33.112-ND Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
33.1133 SCHURTER-33.1133 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
33.1133-ND SCHURTER-33.1133-ND Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
33.1134 SCHURTER-33.1134 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
More results

Similar Description - 33.053

ManufacturerPart #DatasheetDescription
logo
Altech corporation
30.206 ALTECH-30.206 Datasheet
70Kb / 2P
   FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
30.503 ALTECH-30.503 Datasheet
494Kb / 19P
   Metric Pin Spacinga Tubular Screw Clamp
30.306 ALTECH-30.306 Datasheet
46Kb / 1P
   Metric Pin Spacinga Tubular Screw Clamp Plug
36.464 ALTECH-36.464 Datasheet
36Kb / 1P
   US Pin Spacinga Screw-Cage Clamp Plug and Headers
30.606 ALTECH-30.606 Datasheet
37Kb / 1P
   Metric Pin Spacinga Screw-Cage Clamp
30.359 ALTECH-30.359 Datasheet
32Kb / 1P
   Metric Pin Spacinga Pin Headers
logo
Vishay Siliconix
RD030100 VISHAY-RD030100 Datasheet
135Kb / 3P
   Tubular Capacitors, Screw & Band Mounting
Revision: 21-Feb-02
logo
Tyco Electronics
2-1437390-8 MACOM-2-1437390-8 Datasheet
87Kb / 1P
   EMBLY, TERMINAL BLOCK, NEMA, FLAT BASE, HEAVY DUTY, PHENOLIC, TUBULAR SCREW TUBULAR SCREW
logo
Weidmuller
0267400000 WEIDMULLER-0267400000 Datasheet
464Kb / 1P
   Screw Clamp Connections Spring Loaded
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
   Screw or spring clamp terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com