Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5311BRT-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD5311BRT-REEL
Description  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5311BRT-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD5311BRT-REEL Datasheet HTML 1Page - Analog Devices AD5311BRT-REEL Datasheet HTML 2Page - Analog Devices AD5311BRT-REEL Datasheet HTML 3Page - Analog Devices AD5311BRT-REEL Datasheet HTML 4Page - Analog Devices AD5311BRT-REEL Datasheet HTML 5Page - Analog Devices AD5311BRT-REEL Datasheet HTML 6Page - Analog Devices AD5311BRT-REEL Datasheet HTML 7Page - Analog Devices AD5311BRT-REEL Datasheet HTML 8Page - Analog Devices AD5311BRT-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.5 V to 5.5 V, 120 μA, 2-Wire Interface,
Voltage-Output 8-/10-/12-Bit DACs
AD5301/AD5311/AD5321
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
AD5301: buffered voltage output 8-bit DAC
AD5311: buffered voltage output 10-bit DAC
AD5321: buffered voltage output 12-bit DAC
6-lead SOT-23 and 8-lead MSOP packages
Micropower operation: 120 μA @ 3 V
2-wire (I2C®-compatible) serial interface
Data readback capability
2.5 V to 5.5 V power supply
Guaranteed monotonic by design over all codes
Power-down to 50 nA @ 3 V
Reference derived from power supply
Power-on reset to 0 V
On-chip rail-to-rail output buffer amplifier
3 power-down functions
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
GENERAL DESCRIPTION
The AD5301/AD5311/AD53211 are single 8-/10-/12-bit, buff-
ered, voltage-output DACs that operate from a single 2.5 V to
5.5 V supply, consuming 120 μA at 3 V. The on-chip output
amplifier allows rail-to-rail output swing with a slew rate of
0.7 V/μs. It uses a 2-wire (I2C-compatible) serial interface that
operates at clock rates up to 400 kHz. Multiple devices can share
the same bus.
The reference for the DAC is derived from the power supply
inputs and thus gives the widest dynamic output range. These
parts incorporate a power-on reset circuit, which ensures that
the DAC output powers up to 0 V and remains there until a
valid write takes place. The parts contain a power-down feature
that reduces the current consumption of the device to 50 nA at
3 V and provides software-selectable output loads while in
power-down mode.
The low power consumption in normal operation makes these
DACs ideally suited to portable battery-operated equipment. The
power consumption is 0.75 mW at 5 V and 0.36 mW at 3 V,
reducing to 1 μW in all power-down modes.
1 Protected by U.S. Patent No. 5684481.
FUNCTIONAL BLOCK DIAGRAM
RESISTOR
NETWORK
BUFFER
DAC
REGISTER
POWER-DOWN
LOGIC
AD5301/AD5311/AD5321
VDD
SCL
A0
GND
A1*
REF
POWER-ON
RESET
PD*
SDA
*AVAILABLE ON 8-LEAD VERSION ONLY
INTERFACE
LOGIC
8-/10-/12-BIT
DAC
VOUT
Figure 1.


Similar Part No. - AD5311BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311BRT AD-AD5311BRT Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5311BRTZ-500RL7 AD-AD5311BRTZ-500RL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
AD5311BRTZ-REEL7 AD-AD5311BRTZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Similar Description - AD5311BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com