Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4404 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4404
Description  1.5A Dual Open-Drain MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4404 Datasheet(HTML) 3 Page - Microchip Technology

  TC4404_13 Datasheet HTML 1Page - Microchip Technology TC4404_13 Datasheet HTML 2Page - Microchip Technology TC4404_13 Datasheet HTML 3Page - Microchip Technology TC4404_13 Datasheet HTML 4Page - Microchip Technology TC4404_13 Datasheet HTML 5Page - Microchip Technology TC4404_13 Datasheet HTML 6Page - Microchip Technology TC4404_13 Datasheet HTML 7Page - Microchip Technology TC4404_13 Datasheet HTML 8Page - Microchip Technology TC4404_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21418D-page 3
TC4404/TC4405
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ..................................................... +22V
Power Dissipation (TA 70°C)
PDIP........................................................ 730 mW
CERDIP .................................................. 800 mW
SOIC ....................................................... 470 mW
Package Thermal Resistance
PDIP RJ-A ............................................. 125°C/W
PDIP RJ-C ............................................... 45°C/W
CERDIP RJ-A ........................................ 150C/W
CERDIP RJ-C.......................................... 55°C/W
SOIC RJ-A............................................. 155°C/W
SOIC RJ-C............................................... 45°C/W
Operating Temperature Range
C Version ........................................ 0°C to +70°C
E Version...................................... -40°C to +85°C
M Version ................................... -55°C to +125°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC4404/TC4405 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, with 4.5V VDD18V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
V
VIL
Logic 0, Low Input Voltage
0.8
V
IIN
Input Current
-1
1
A0VV
INVDD
Output
VOH
High Output Voltage
VDD – 0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance
7
10
IOUT = 10 mA, VDD = 18V; Any Drain
IPK
Peak Output Current (Any Drain)
1.5
A
Duty cycle
2%, t 300 sec
IDC
Continuous Output Current (Any Drain)
100
mA
IR
Latch-Up Protection (Any Drain)
Withstand Reverse Current
>500
mA
Duty cycle
2%, t 300 sec
Switching Time (Note 1)
tR
Rise Time
25
30
nsec
Figure 3-1, CL = 1000 pF
tF
Fall Time
25
30
nsec
Figure 3-1, CL = 1000 pF
tD1
Delay Time
15
30
nsec
Figure 3-1, CL = 1000 pF
tD2
Delay Time
32
50
nsec
Figure 3-1, CL = 1000 pF
Power Supply
IS
Power Supply Current
4.5
0.4
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1: Switching times ensured by design.


Similar Part No. - TC4404_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
More results

Similar Description - TC4404_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4404 TELCOM-TC4404 Datasheet
84Kb / 6P
   1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com