Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5330 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5330
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5330 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5330_08 Datasheet HTML 4Page - Analog Devices AD5330_08 Datasheet HTML 5Page - Analog Devices AD5330_08 Datasheet HTML 6Page - Analog Devices AD5330_08 Datasheet HTML 7Page - Analog Devices AD5330_08 Datasheet HTML 8Page - Analog Devices AD5330_08 Datasheet HTML 9Page - Analog Devices AD5330_08 Datasheet HTML 10Page - Analog Devices AD5330_08 Datasheet HTML 11Page - Analog Devices AD5330_08 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 8 of 28
BUFFER
10-BIT
DAC
DAC
REGISTER
INPUT
REGISTER
POWER-DOWN
LOGIC
DB8
DB7
DB0
..
CS
WR
CLR
LDAC
VREF
VDD
VOUT
PD
GND
AD5331
POWER-ON
RESET
RESET
10
9
7
6
13
20
1
DB9 2
GAIN 8
3
12
4
11
5
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
LDAC
GAIN
WR
CS
GND
VREF
VOUT
CLR
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
VDD
PD
TOP VIEW
(Not to Scale)
AD5331
10-BIT
DB8
DB9
Figure 5. AD5331 Functional Block Diagram
Figure 6. AD5331 Pin Configuration
Table 6. AD5331 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DB8
Parallel Data Input.
2
DB9
Most Significant Bit of Parallel Data Input.
3
VREF
Unbuffered Reference Input.
4
VOUT
Output of DAC. Buffered output with rail-to-rail operation.
5
GND
Ground reference point for all circuitry on the part.
6
CS
Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface.
7
WR
Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface.
8
GAIN
Gain Control Pin. This controls whether the output range from the DAC is 0 V to VREF or 0 V to 2 × VREF.
9
CLR
Active low control input that clears all input registers and DAC registers to zero.
10
LDAC
Active low control input that updates the DAC registers with the contents of the input registers.
11
PD
Power-Down Pin. This active low control pin puts the DAC into power-down mode.
12
VDD
Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
13 to 20
DB0 to DB7
Eight Parallel Data Inputs.


Similar Part No. - AD5330_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5330BRU AD-AD5330BRU Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

Similar Description - AD5330_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5333BRUZ AD-AD5333BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com