Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5301BRMZ-REEL1 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5301BRMZ-REEL1
Description  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301BRMZ-REEL1 Datasheet(HTML) 2 Page - Analog Devices

  AD5301BRMZ-REEL1 Datasheet HTML 1Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 2Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 3Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 4Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 5Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 6Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5301BRMZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 5
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Terminology ...................................................................................... 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 13
Digital-to-Analog ....................................................................... 13
Resistor String ............................................................................. 13
Output Amplifier........................................................................ 13
Power-On Reset.......................................................................... 13
Serial Interface ................................................................................ 14
2-Wire Serial Bus........................................................................ 14
Input Shift Register .................................................................... 14
Write Operation.......................................................................... 15
Read Operation........................................................................... 16
Power-Down Modes .................................................................. 17
Application Notes ........................................................................... 18
Using REF19x as a Power Supply ............................................. 18
Bipolar Operation Using the AD5301/AD5311/AD5321..... 18
Multiple Devices on One Bus ................................................... 18
CMOS Driven SCL and SDA Lines.......................................... 18
Power Supply Decoupling ......................................................... 19
Outline Dimensions ....................................................................... 20
Ordering Guide .......................................................................... 21
REVISION HISTORY
3/07—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Table 4............................................................................ 6
Changes to Figure 4 Caption........................................................... 7
Updated Outline Dimensions ....................................................... 20
Changes to Ordering Guide .......................................................... 21
11/03—Rev. 0 to Rev. A
Changes to Ordering Guide ............................................................ 4
Updated Outline Dimensions ....................................................... 15
7/99—Revision 0: Initial Version


Similar Part No. - AD5301BRMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5301BRMZ-REEL7 AD-AD5301BRMZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

Similar Description - AD5301BRMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com