Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1427CPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1427CPA
Description  1.2A Dual High-Speed MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427CPA Datasheet(HTML) 3 Page - Microchip Technology

  TC1427CPA Datasheet HTML 1Page - Microchip Technology TC1427CPA Datasheet HTML 2Page - Microchip Technology TC1427CPA Datasheet HTML 3Page - Microchip Technology TC1427CPA Datasheet HTML 4Page - Microchip Technology TC1427CPA Datasheet HTML 5Page - Microchip Technology TC1427CPA Datasheet HTML 6Page - Microchip Technology TC1427CPA Datasheet HTML 7Page - Microchip Technology TC1427CPA Datasheet HTML 8Page - Microchip Technology TC1427CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21393D-page 3
TC1426/TC1427/TC1428
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ..................................................... +18V
Input Voltage, Any Terminal
................................... VDD + 0.3V to GND – 0.3V
Power Dissipation (TA 70°C)
PDIP........................................................ 730 mW
SOIC ....................................................... 470 mW
Derating Factor
PDIP....................................................... 8 mW/C
SOIC ...................................................... 4 mW/C
Operating Temperature Range
C Version ........................................ 0°C to +70°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses
above
those
listed
under
"Absolute
Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC1426/TC1427/TC1428 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, with 4.5V VDD16V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
3
V
VIL
Logic 0, Low Input Voltage
0.8
V
IIN
Input Current
-1
1
A0VV
INVDD
Output
VOH
High Output Voltage
VDD – 0.025
V
Figure 3-1, Figure 3-2
VOL
Low Output Voltage
0.025
V
Figure 3-1, Figure 3-2
RO
Output Resistance
12
8
18
12
IOUT = 10 mA, VDD = 16V
IPK
Peak Output Current
1.2
A
IREV
Latch-Up Current
Withstand Reverse Current
>500
mA
Switching Time (Note 1)
tR
Rise Time
35
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
25
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
75
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
75
nsec
Figure 3-1, Figure 3-2
Power Supply
IS
Power Supply Current
9
0.5
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.


Similar Part No. - TC1427CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1427CPA TELCOM-TC1427CPA Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1427CPA MICROCHIP-TC1427CPA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427CPA MICROCHIP-TC1427CPA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
More results

Similar Description - TC1427CPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1426 TELCOM-TC1426 Datasheet
81Kb / 6P
   1.2A DUAL HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com