Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13731 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 13731
Description  Normal Wall Flame Retardant Heat Shrink Tubing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

13731 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  13731 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13731 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13731 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13731 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13731 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Normal Wall Flame Retardant
Heat Shrink Tubing
Page <1>
05/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Features:
• Flexible, general purpose, polyolefin tubing
• 2:1 shrink ratio
• Super abrasion and solvent resistance
• Excellent physical, chemical and electrical properties
• Wide range of sizes and colours
• Operating temperature range : -55°C to 125°C
Specifications:
Physical:
Tensile Strength
: 14.8 Mpa
Elongation
: 460%
Tensile Strength After Aging
: 14.5Mpa
Elongation After Aging
: 480%
Electrical:
Dielectric Strength
: 17 KV / mm
Volume Resistance
: 1 × 1015
Ω cm
Chemical:
Corrosion UL 224 (158C × 168 hours) Pass;
Copper Stability UL 224 (158C × 168 hours) Pass


Similar Part No. - 13731

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1373181 PHOENIX-1373181 Datasheet
233Kb / 5P
   Housing - HC-STA-B16-HLWD-1STM25-EL/...
Jun 13, 2022
1373182 PHOENIX-1373182 Datasheet
233Kb / 5P
   Housing - HC-STA-B16-HLWD-1STM32-EL/...
Jun 13, 2022
1373183 PHOENIX-1373183 Datasheet
233Kb / 5P
   Housing - HC-STA-B16-HLWD-1STP16-EL/...
Jun 13, 2022
1373184 PHOENIX-1373184 Datasheet
233Kb / 5P
   Housing - HC-STA-B16-HLWD-1STP21-EL/...
Jun 13, 2022
1373185 PHOENIX-1373185 Datasheet
176Kb / 5P
   Housing - HC-STA-B06-SLWSC-2SSM20-EL/.../...
Jun 13, 2022
More results

Similar Description - 13731

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
   HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
   DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
logo
Tyco Electronics
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
   Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com