Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBQ201209T-222Y-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NBQ201209T-222Y-N
Description  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NBQ201209T-222Y-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NBQ201209T-222Y-N Datasheet HTML 1Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 2Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 3Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers NBQ201209T-222Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SMD Chip Beads [SB/NB/HF/GB/PB/UPB Series]
YAGeo CorPorATIoN INDUCTORS / BEADS
PRODUCT IDENTIFICATION
SMD Chip Beads
SB/NB/HF/GB/PB/UPB
OUTLINE
Yageo offers hundreds of multi-layered ferrite chip beads with various sizes, frequency characteristics,
and a wide range of impedance values to provide powerful solutions for eMI problems.
Three formulas of ferrite compose several types of EMI suppression chip beads that are classified into
six categories- SB, NB, HF, GB, PB and UPB series.
SHAPES AND DIMENSIONS
Unit: mm
TYPE
A
B
C
D
SB/NB/PB/HF
100505
1.0 ± 0.10
0.50 ± 0.10
0.5 ± 0.10
0.25 ± 0.10
SB/NB/GB/PB/UPB/HF
160808
1.6 ± 0.15
0.80 ± 0.15
0.8 ± 0.15
0.3 ± 0.2
SB/NB/GB/PB/UPB
201209
2.0 ± 0.20
1.25 ± 0.20
0.9 ± 0.20
0.5 ± 0.3
UPB
201212
2.0 ± 0.20
1.25 ± 0.20
1.25 ± 0.20
0.5 ± 0.3
SB/NB/GB/PB/UPB
321611
3.2 ± 0.20
1.60 ± 0.20
1.1 ± 0.20
0.5 ± 0.3
SB/GB
321616
3.2 ± 0.20
1.60 ± 0.20
1.6 ± 0.20
0.5 ± 0.3
SB/GB/PB
322513
3.2 ± 0.20
2.50 ± 0.20
1.3 ± 0.20
0.5 ± 0.3
SB/GB/PB/UPB
451616
4.5 ± 0.25
1.60 ± 0.20
1.6 ± 0.20
0.5 ± 0.3
SB/GB/PB/UPB
453215
4.5 ± 0.25
3.20 ± 0.20
1.5 ± 0.20
0.5 ± 0.3
D
C
B
D
A
Terminal Electrode
Ferrite
☐☐☐☐☐☐☐☐☐☐☐☐☐☐-
Internal No.
Tolerance (***)
Impedance
Packaging Style (**)
Dimensions (A, B, C)
Design Code
Product Symbol (*)
Product Symbol: SB, NB, HF, GB, PB, UPB
Packaging:T =Tape and reel, B = Bulk
Tolerance: M = ±20%, Y = ±25%, T = ±30%
Internal No.: N = Lead-Free


Similar Description - NBQ201209T-222Y-N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com