Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBQ201209T-501Y-N Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NBQ201209T-501Y-N
Description  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NBQ201209T-501Y-N Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NBQ201209T-501Y-N Datasheet HTML 2Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 3Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers NBQ201209T-501Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
9
ELECTRICAL CHARACTERISTICS NB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
NBQ201209T-060Y-N
6
100
0.07
800
NBQ201209T-110Y-N
11
100
0.10
700
NBQ201209T-260Y-N
26
100
0.15
600
NBQ201209T-320Y-N
32
100
0.15
600
NBQ201209T-600Y-N
60
100
0.15
500
NBQ201209T-750Y-N
75
100
0.15
500
NBQ201209T-900Y-N
90
100
0.15
500
NBQ201209T-121Y-N
120
100
0.20
500
NBQ201209T-151Y-N
150
100
0.20
500
NBQ201209T-171Y-N
170
100
0.30
500
NBQ201209T-221Y-N
220
100
0.30
500
NBQ201209T-301Y-N
300
100
0.30
500
NBQ201209T-401Y-N
400
100
0.35
500
NBQ201209T-501Y-N
500
100
0.35
500
NBQ201209T-601Y-N
600
100
0.35
500
NBQ201209T-102Y-N
1,000
100
0.40
400
NBQ201209T-122Y-N
1,200
100
0.45
400
NBQ201209T-152Y-N
1,500
100
0.45
400
NBQ201209T-222Y-N
2,200
100
0.50
400
NBQ201209T-272Y-N
2,700
100
0.60
200
NBQ321611T-320Y-N
32
100
0.15
600
NBQ321611T-600Y-N
60
100
0.15
500
NBQ321611T-800Y-N
80
100
0.15
500
NBQ321611T-900Y-N
90
100
0.15
500
NBQ321611T-121Y-N
120
100
0.20
500
NBQ321611T-151Y-N
150
100
0.20
500
NBQ321611T-201Y-N
200
100
0.25
400
NBQ321611T-221Y-N
220
100
0.30
400
NBQ321611T-351Y-N
350
100
0.30
400
NBQ321611T-401Y-N
400
100
0.30
400
NBQ321611T-601Y-N
600
100
0.35
400
NBQ321611T-122Y-N
1,200
100
0.40
300
NBQ321611T-152Y-N
1,500
100
0.45
300


Similar Description - NBQ201209T-501Y-N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com