Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD713JNZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD713JNZ
Description  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713JNZ Datasheet(HTML) 3 Page - Analog Devices

  AD713JNZ Datasheet HTML 1Page - Analog Devices AD713JNZ Datasheet HTML 2Page - Analog Devices AD713JNZ Datasheet HTML 3Page - Analog Devices AD713JNZ Datasheet HTML 4Page - Analog Devices AD713JNZ Datasheet HTML 5Page - Analog Devices AD713JNZ Datasheet HTML 6Page - Analog Devices AD713JNZ Datasheet HTML 7Page - Analog Devices AD713JNZ Datasheet HTML 8Page - Analog Devices AD713JNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD713
Rev. F | Page 3 of 20
SPECIFICATIONS
VS = ±15 V at TA = 25°C, unless otherwise noted.
Table 1.
AD713J/AD713A
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
Initial Offset
0.3
1.5
mV
Offset
TMIN to TMAX
0.5
2
mV
vs. Temp
5
μV/°C
vs. Supply
78
95
dB
TMIN to TMAX
76
95
dB
Long-Term Stability
15
μV/Month
INPUT BIAS CURRENT2
VCM = 0 V
40
150
pA
VCM = 0 V at TMAX
3.4/9.6
nA
VCM = ±10 V
55
200
pA
INPUT OFFSET CURRENT
VCM = 0 V
10
75
pA
VCM = 0 V at TMAX
1.7/4.8
pA
MATCHING CHARACTERISTICS
Input Offset Voltage
0.5
1.8
mV
TMIN to TMAX
0.7
2.3
mV
Input Offset Voltage Drift
8
μV/°C
Input Bias Current
10
100
pA
Crosstalk
f = 1 kHz
−130
dB
f = 100 kHz
−95
dB
FREQUENCY RESPONSE
Small Signal Bandwidth
G = −1
3.0
4.0
MHz
Full Power Response
VO = 20 V p-p
200
kHz
Slew Rate
G = −1
16
20
V/μs
Settling Time to 0.01%
1.0
1.2
μs
Total Harmonic Distortion
f = 1 kHz; RL ≥ 2 kΩ; VO = 3 V rms
0.0003
%
INPUT IMPEDANCE
Differential3
3 × 1012||5.5
Ω||pF
Common Mode4
3 × 1012||5.5
Ω||pF
INPUT VOLTAGE RANGE
Differential
±20
V
Common-Mode Voltage
+14.5/−11.5
V
TMIN to TMAX
−11
+13
V
Common Mode
VCM = ±10 V
78
88
dB
Rejection Ratio
TMIN to TMAX
76
84
dB
VCM = ±11 V
72
84
dB
TMIN to TMAX
70
80
dB
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
2
μV p-p
f = 10 Hz
45
nV/√Hz
f = 100 Hz
22
nV/√Hz
f = 1 kHz
18
nV/√Hz
f = 10 kHz
16
nV/√Hz
INPUT CURRENT NOISE
f = 1 kHz
0.01
pA/√Hz
OPEN-LOOP GAIN
VO = ±10 V; RL ≥ 2 kΩ
150
400
V/mV
TMIN to TMAX
100
V/mV


Similar Part No. - AD713JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713JNZ AD-AD713JNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JNZ AD-AD713JNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JNZ AD-AD713JNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JNZ AD-AD713JNZ Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results

Similar Description - AD713JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com