Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC105 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC105
Description  PFM/PWM Step-Down DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC105 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC105_13 Datasheet HTML 3Page - Microchip Technology TC105_13 Datasheet HTML 4Page - Microchip Technology TC105_13 Datasheet HTML 5Page - Microchip Technology TC105_13 Datasheet HTML 6Page - Microchip Technology TC105_13 Datasheet HTML 7Page - Microchip Technology TC105_13 Datasheet HTML 8Page - Microchip Technology TC105_13 Datasheet HTML 9Page - Microchip Technology TC105_13 Datasheet HTML 10Page - Microchip Technology TC105_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21349C-page 7
TC105
FIGURE 4-3:
REGULATOR USING PNP TRANSISTOR
FIGURE 4-4:
REGULATOR USING P-CHANNEL MOSFET
TABLE 4-1:
SUGGESTED COMPONENTS AND SUPPLIERS
Type
Inductors
Capacitors
Diodes
Transistors
Surface Mount
Sumida
CD54 Series
CDRH Series
Coilcraft
DO Series
AVX
TPS Series
Sprague
595D Series
ON Semiconductor
MBRS340T3
Nihon
NSQ Series
Matsushita
MA737
Silconix
Little Foot MOSFET Series
Zetex FZT749
PNP Bipolar Transistor
Toshiba 2SA1213 PNP
Transistor
Miniature
Through-Hole
Sumida
RCH Series
Sanyo
OS-CON Series
IRC
OAR Series
Standard
Through-Hole
Coilcraft
PCH Series
Coiltronics
CTX Series
Nichicon
PL Series
United Chemi-Con
LXF Series
ON Semiconductor
TMOS Power MOSFETs
(i.e., MTP30P06V)
TC105
1
2
3
5
VIN
2.5V
4
VOUT
1.8V
ON
OFF
10
µF
16V
FZ749
Q1
22
µH
Sumida CD-54
MA737
47
µF
10V Tantalum
RSS
470K
CSS
0.033
µF
VOUT
VDD
EXT
GND
SHDN/SS
CB
2200 pF
RB
500
+
+
+
+
TC105
1
2
3
5
VIN
4
VOUT
ON
OFF
10
µF
16V
Si9430
P
22
µH
Sumida CD-54
MA737
47
µF
10V Tantalum
RSS
470K
CSS
0.033
µF
VOUT
VDD
EXT
GND
SHDN/SS
+
+
+


Similar Part No. - TC105_13

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC10501 CDE-TC10501 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
MERITEK ELECTRONICS COR...
TC105K10A MERITEK-TC105K10A Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
TC105K10B MERITEK-TC105K10B Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
TC105K10C MERITEK-TC105K10C Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
TC105K10D MERITEK-TC105K10D Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
More results

Similar Description - TC105_13

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com