Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K3LAB024W-WG Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K3LAB024W-WG
Description  POWER RELAY 1 POLE - 25A - Latching relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K3LAB024W-WG Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K3LAB024W-WG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K3LAB024W-WG Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
Item
FTR-K3L-WG
Contact Data Configuration
1 form A (contact gap 1.5mm)
Material
Silver alloy
Resistance (initial)
Max.100mΩat1A,6VDC
Contact rating
25A / 250VAC (resistive)
Max. carrying current
30A
Max. switching power
6,250VA
Max. switching voltage
250VAC
Max. switching current
25A
Min. switching load (reference)
100mA, 5VDC
Life
Mechanical
Min. 1 x 106 operations
Electrical
Resistive
25A, 250VAC, 100 x 103 operations
Inductive
25A, 250VAC (cos
φ 0.8), 30 x 103 operations
Inductive (overload)
37.5A, 250VAC (cos
φ 0.8), 50 operations
Coil Data
Rated power (at 20 °C)
900mW
Operating temperature range (no frost)
-40 °C to +85 °C
Timing Data
Set (at nominal voltage)
Max. 20ms (without bounce)
Reset (at nominal voltage)
Max. 20ms (without bounce)
Coil excitation time (at nominal voltage)
Min. 30ms, max. 1000ms
Insulation
Contact gap
Min. 1.5 mm
Resistance
Min.1,000MΩat500VDC
Dielectric strength
Open contacts
2,500VAC, 1min.
Coil and contacts
5,000VAC, 1min.
Surge strength
Coil to contacts
8,500V/ 1.2 x 50μs standard wave
Creepage
6.4mm
Clearance
9.5mm
Other
Vibration resistance
Misoperation
10 to 55Hz double amplitude 1.5 mm
Endurance
10 to 55Hz double amplitude 1.5 mm
Shock resistance
Misoperation
Min. 200m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 25 g
FTR-K3L-WG SERIES
*Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.


Similar Part No. - FTR-K3LAB024W-WG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3LAB024W-PV FUJITSU-FTR-K3LAB024W-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
More results

Similar Description - FTR-K3LAB024W-WG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com