Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-J2AK048W Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-J2AK048W
Description  POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-J2AK048W Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button FTR-J2AK048W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 7Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 8Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 9Page - Fujitsu Component Limited. FTR-J2AK048W Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FTR-K1 SERIES
n
CIRCUIT
l
Load circuit and input circuit (coil sides) for 10A, 200VDC (dual circuits)
FTR-J2 SERIES
l
Load circuit and input circuit (coil sides) for 10A, 200VDC (dual circuits)
2 coils connect in series
Load circuit contact terminals have polarities (+) and (-). Coils have no polarity.
(Varistor)
(Note 1)
BOTTOM VIEW
(Varistor) (Note 3)
BOTTOM VIEW
Note 1: In case 2 coils are connected in series, connect coil terminal #2 to #3 on PCB circuit. In case 2
coils are connected in parallel, connect coil terminal #1 to #3 and connect coil terminal #2 to #4 on
PCB. Regarding terminal number, refer to schematics data.
Note 2: Please use varistor as surge protection device. If varistor will not be used, the electrical life
need to be derated.
Note 3: Varistor surge protection device should be connect parallel to coil(s). Suitable
voltage of varistor is 3 times the coil voltage.
Note 4: For max. contact life and correct functioning of the relay, positive polarity of load should be
connected to pin 8 and pin 5. If not, damage to the relay can occur.
Warning: At current loads at max. switching capacity 10A (200VDC) correct polarity is vital for
the correct and safe functioning of the relay.


Similar Part No. - FTR-J2AK048W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2AK048W FUJITSU-FTR-J2AK048W Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
FTR-J2AK048W FUJITSU-FTR-J2AK048W Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
More results

Similar Description - FTR-J2AK048W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-J2 FUJITSU-FTR-J2_10 Datasheet
420Kb / 9P
   POWER RELAY ULTRA SMALL HIGH VOLTAGE DC RELAY
FTR-J2 FUJITSU-FTR-J2 Datasheet
426Kb / 8P
   Ultra small High Voltage DC Relay
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
   ULTRA SMALL AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SEC150 SANYOU-SEC150 Datasheet
608Kb / 3P
   High Voltage DC Relay
SEP350 SANYOU-SEP350 Datasheet
753Kb / 4P
   High Voltage DC Relay
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
   High Voltage DC Relay
SEV60 SANYOU-SEV60 Datasheet
487Kb / 3P
   High Voltage DC Relay
SEV300 SANYOU-SEV300 Datasheet
609Kb / 5P
   High Voltage DC Relay
SEV150 SANYOU-SEV150 Datasheet
155Kb / 4P
   High Voltage DC Relay
SEC250 SANYOU-SEC250 Datasheet
720Kb / 4P
   High Voltage DC Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com