Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8928A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS8928A
Description  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8928A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8928A Datasheet HTML 1Page - Fairchild Semiconductor FDS8928A Datasheet HTML 2Page - Fairchild Semiconductor FDS8928A Datasheet HTML 3Page - Fairchild Semiconductor FDS8928A Datasheet HTML 4Page - Fairchild Semiconductor FDS8928A Datasheet HTML 5Page - Fairchild Semiconductor FDS8928A Datasheet HTML 6Page - Fairchild Semiconductor FDS8928A Datasheet HTML 7Page - Fairchild Semiconductor FDS8928A Datasheet HTML 8Page - Fairchild Semiconductor FDS8928A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (continued)
SWITCHING CHARACTERISTICS (Note 2)
Symbol
Parameter
Conditions
Type
Min
Typ
Max
Units
t
D(on)
Turn - On Delay Time
V
DS = 6 V, I D = 1 A
N-Ch
6
12
ns
V
GS = 4.5 V , RGEN = 6
P-Ch
8
16
t
r
Turn - On Rise Time
N-Ch
19
31
ns
P-Ch
23
37
t
D(off)
Turn - Off Delay Time
V
DS= -10 V, I D = -1 A
N-Ch
42
67
ns
V
GS = -4.5 V , RGEN = 6
P-Ch
260
360
t
f
Turn - Off Fall Time
N-Ch
13
24
ns
P-Ch
90
125
Q
g
Total Gate Charge
V
DS = 10 V, I D = 5.5 A,
N-Ch
19.8
28
nC
V
GS = 4.5 V
P-Ch
20
28
Q
gs
Gate-Source Charge
N-Ch
2
nC
V
DS = -5 V, I D = -4 A,
P-Ch
2.8
Q
gd
Gate-Drain Charge
V
GS = -5 V
N-Ch
6.3
nC
P-Ch
3.2
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
N-Ch
1.3
A
P-Ch
-1.3
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 1.3 A
(Note 2)
N-Ch
0.68
1.2
V
V
GS = 0 V, IS = -1.3 A
(Note 2)
P-Ch
-0.7
-1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%..
FDS8928A Rev. B
c. 135
OC/W on a 0.003 in2
pad of 2oz copper.
b. 125
OC/W on a 0.02 in2
pad of 2oz copper.
a. 78
OC/W on a 0.5 in2
pad of 2oz copper.


Similar Part No. - FDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
FDS8926A-NL VBSEMI-FDS8926A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
KDS8928A KEXIN-KDS8928A Datasheet
86Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com