Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPDV1025RG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TPDV1025RG
Description  25 A high voltage Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV1025RG Datasheet(HTML) 4 Page - STMicroelectronics

  TPDV1025RG Datasheet HTML 1Page - STMicroelectronics TPDV1025RG Datasheet HTML 2Page - STMicroelectronics TPDV1025RG Datasheet HTML 3Page - STMicroelectronics TPDV1025RG Datasheet HTML 4Page - STMicroelectronics TPDV1025RG Datasheet HTML 5Page - STMicroelectronics TPDV1025RG Datasheet HTML 6Page - STMicroelectronics TPDV1025RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
TPDVxx25
4/7
Doc ID 18268 Rev 2
Figure 9.
Safe turn-off operating area
Figure 5.
Relative variation of gate trigger
current and holding current versus
junction temperature
Figure 6.
Non repetitive surge peak on-state
current versus number of cycles
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
T (°C)
j
IGT
IH & IL
2.5
2
1.5
1
0.5
0
-20
-30
-40
0
10
-10
20
40
30
50
60
70
80
90 100 110 120 130
I
(A)
TSM
Number of cycles
T initial=25°C
j
200
150
100
50
0
1
10
100
1000
One cycle
t = 20 ms
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding values of I2t
Figure 8.
On-state characteristics (maximum
values)
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
100
1000
1
2
510
I
(A)
TM
1000
100
10
1
12
3
4
5
6
V
(V)
TM
V =1.1V
R =19m
T max.:
j
t0
d
Ω
Tj=max
T =25°C
j
(dV/dt)c(V/µs)
1000
100
10
1
(dI/dt)c(A/ms)
T initial = 25°C
j
1
10
100


Similar Part No. - TPDV1025RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPDV1025 STMICROELECTRONICS-TPDV1025 Datasheet
66Kb / 5P
   ALTERNISTORS
More results

Similar Description - TPDV1025RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
   12 A high voltage Triacs
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
70Kb / 7P
   40 A high voltage Triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Kersemi Electronic Co.,...
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-800B KERSEMI-BTA24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com