Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTST30120CTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTST30120CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTST30120CTG Datasheet(HTML) 1 Page - ON Semiconductor

  NTST30120CTG Datasheet HTML 1Page - ON Semiconductor NTST30120CTG Datasheet HTML 2Page - ON Semiconductor NTST30120CTG Datasheet HTML 3Page - ON Semiconductor NTST30120CTG Datasheet HTML 4Page - ON Semiconductor NTST30120CTG Datasheet HTML 5Page - ON Semiconductor NTST30120CTG Datasheet HTML 6Page - ON Semiconductor NTST30120CTG Datasheet HTML 7Page - ON Semiconductor NTST30120CTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
January, 2013 − Rev. 4
1
Publication Order Number:
NTST30120CT/D
NTST30120CT,
NTSJ30120CTG,
NTSB30120CT-1G,
NTSB30120CTG,
NTSB30120CTT4G
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Exceptionally Low VF = 0.50 V at IF = 5 A
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
Pb−Free and Halide−Free Packages are Available
Typical Applications
Switching Power Supplies including Notebook / Netbook Adapters,
ATX and Flat Panel Display
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Maximum for
10 sec
TO−220AB
CASE 221A
STYLE 6
3
4
1
VERY LOW FORWARD
VOLTAGE, LOW LEAKAGE
SCHOTTKY BARRIER
RECTIFIERS 30 AMPERES,
120 VOLTS
1
3
2, 4
2
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
3
4
1 2
I2PAK
CASE 418D
STYLE 3
TO−220FP
CASE 221AH
3
4
1
2
D2PAK
CASE 418B


Similar Part No. - NTST30120CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30120CTG ONSEMI-NTST30120CTG Datasheet
140Kb / 9P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2015 ??Rev. 5
NTST30120CTG ONSEMI-NTST30120CTG Datasheet
90Kb / 9P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 6
More results

Similar Description - NTST30120CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com