Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG36.22 Datasheet(PDF) 2 Page - Littelfuse

Part # CG36.22
Description  AC and CG3 Series Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG36.22 Datasheet(HTML) 2 Page - Littelfuse

  CG36.22 Datasheet HTML 1Page - Littelfuse CG36.22 Datasheet HTML 2Page - Littelfuse CG36.22 Datasheet HTML 3Page - Littelfuse CG36.22 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2008 Littelfuse, Inc.
Revised: August 11, 2009
Gas Plasma Arrester (GDT) Products
AC and CG3 Series
AC and CG3 Series
Specifications are subject to change without notice.
Refer to www.littelfuse.com/series/AC.html or /CG3.html for current information.
Electrical Characteristics
Part
Number
Device Specifications (at 25°C)
DC Breakdown
in Volts
(@100V/s)
Impulse
Break-
down
in Volts
(@100V/μs)
Impulse
Break-
down In
Volts
(@1 Kv/μsec)
Insulation
Resistance
Capaci-
tance
Arc
Voltage
(on state
Voltage)
Max
Follow
On
Current3
Nominal
AC
Discharge
Current
(10x1sec
AC
Discharge
Current
9 cycles)
Nominal
Impulse
Discharge
Current4
(@8/20μs)
Max
Surge
Current5
(@8/20μs)
MIN
TYP
MAX
MAX
MIN
MAX
TYP
AC120
230 285 340
500
550
10 GΩ
(at 100V) <1.5 pf ~ 25 V
200
Amps
5 A
65 A
10 shots
5kA
1 shot
10kA
AC240
480 600 720
1100
1200
CG3 1.01
800 1000 1200
1400
1500
10 GΩ
(at 100V) <1.5 pf ~ 25 V
200
Amps
N/A
N/A
10 shots
5kA
1 shot
10kA
CG3 1.11
880 1100 1320
1600
1700
CG3 1.21
960 1200 1440
1700
1800
CG3 1.31 1040 1300 1560
1800
1900
CG3 1.51 1200 1500 1800
1800
2000
CG3 2.01 1600 2000 2400
2500
2750
CG3 2.51 2000 2500 3000
3200
3500
CG3 2.71 2160 2700 3240
3600
4000
CG3 3.01 2400 3000 3600
4000
4200
CG3 3.31 2640 3300 3960
4600
4700
CG3 4.02 3200 4000 4800
5800
6000
CG3 4.52 3600 4500 5400
6150
6500
CG3 5.02 4000 5000 6000
7500
8000
CG3 6.22 4960 6200 7440
8100
9500
CG3 6.52 5200 6500 7800
9500
10000
CG3 7.52,6 6000 7500 9000
10000
10600
3. Tested to UL1449 Third Edition -- 120V r.ms. for AC120, 230V r.m.s. all others.
4. 10 x [5(+) and 5(-)] applications 5kA @ 8/20μs
5. 1 x [1(+) and 1(-)] application 10kA @ 8/20μs
6. CG3 7.5 product UL approval is currently pending
Product Characteristics
Materials
Core Outline A & B items:
Axial Outline A items:
Axial Outline B items:
Product Marking
Glow to arc
transition current
Glow Voltage
~ 140 Volts
Storage and
Operational
Temperature
-40 to +90


Similar Part No. - CG36.22

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG36.2D004 LITTELFUSE-CG36.2D004 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG36.2D004 LITTELFUSE-CG36.2D004 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG36.2L LITTELFUSE-CG36.2L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG36.2L LITTELFUSE-CG36.2L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG36.2LTR LITTELFUSE-CG36.2LTR Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
More results

Similar Description - CG36.22

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AC240L LITTELFUSE-AC240L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG35.0L LITTELFUSE-CG35.0L Datasheet
1Mb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG33.0 LITTELFUSE-CG33.0 Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
CG32.5L LITTELFUSE-CG32.5L Datasheet
279Kb / 4P
   Gas Discharge Tube (GDT) Products AC and CG3 Series
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
HY ELECTRONIC CORP.
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com