Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9944 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9944
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9944 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9944 Datasheet HTML 5Page - Analog Devices AD9944 Datasheet HTML 6Page - Analog Devices AD9944 Datasheet HTML 7Page - Analog Devices AD9944 Datasheet HTML 8Page - Analog Devices AD9944 Datasheet HTML 9Page - Analog Devices AD9944 Datasheet HTML 10Page - Analog Devices AD9944 Datasheet HTML 11Page - Analog Devices AD9944 Datasheet HTML 12Page - Analog Devices AD9944 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9943/AD9944
Rev. B | Page 9 of 20
AD9944 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
TOP VIEW
24 REFB
23 REFT
22 CCDIN
21 AVSS
D2 1
D3 2
D4 3
20 AVDD
19 SHD
18 SHP
17 CLPOB
D5 4
D6 5
D7 6
D8 7
D9 8
AD9944
NC = NO CONNECT
Figure 3. AD9944 Pin Configuration
Table 8. AD9944 Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1 to 10
D2 to D11
DO
Digital Data Outputs.
11
DRVDD
P
Digital Output Driver Supply.
12
DRVSS
P
Digital Output Driver Ground.
13
DVDD
P
Digital Supply.
14
DATACLK
DI
Digital Data Output Latch Clock.
15
DVSS
P
Digital Supply Ground.
16
PBLK
DI
Preblanking Clock Input.
17
CLPOB
DI
Black Level Clamp Clock Input.
18
SHP
DI
CDS Sampling Clock for CCD Reference Level.
19
SHD
DI
CDS Sampling Clock for CCD Data Level.
20
AVDD
P
Analog Supply.
21
AVSS
P
Analog Ground.
22
CCDIN
AI
Analog Input for CCD Signal.
23
REFT
AO
A/D Converter Top Reference Voltage Decoupling.
24
REFB
AO
A/D Converter Bottom Reference Voltage Decoupling.
25
SL
DI
Serial Digital Interface Load Pulse.
26
SDATA
DI
Serial Digital Interface Data Input.
27
SCK
DI
Serial Digital Interface Clock Input.
28 to 30
NC
NC
Internally pulled down. Float or connect to GND.
31
D0
DO
Digital Data Output.
32
D1
DO
Digital Data Output.
1 Type: AI = analog input, AO = analog output, DI = digital input, DO = digital output, P = power, and NC = no connect.


Similar Part No. - AD9944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944KCPZ AD-AD9944KCPZ Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944KCPZRL AD-AD9944KCPZRL Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Similar Description - AD9944

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
   Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9807 AD-AD9807 Datasheet
240Kb / 24P
   Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV. 0
AD9945 AD-AD9945 Datasheet
222Kb / 16P
   Complete 12-Bit 40 MHz CCD Signal Processor
REV. A
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
   Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
   COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. A
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
   Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com