Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8333C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDS8333C
Description  30V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8333C Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FDS8333C Datasheet HTML 1Page - Fairchild Semiconductor FDS8333C Datasheet HTML 2Page - Fairchild Semiconductor FDS8333C Datasheet HTML 3Page - Fairchild Semiconductor FDS8333C Datasheet HTML 4Page - Fairchild Semiconductor FDS8333C Datasheet HTML 5Page - Fairchild Semiconductor FDS8333C Datasheet HTML 6Page - Fairchild Semiconductor FDS8333C Datasheet HTML 7Page - Fairchild Semiconductor FDS8333C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUTTHE EXPRESS WRITTENAPPROVALOF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ImpliedDisconnect™
ISOPLANAR™
LittleFET™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGICâ
OPTOPLANAR™
FACT™
FACT Quiet Series™
FASTâ
FASTr™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2
Rev. I1
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOSTM
EnSignaTM
PACMAN™
POP™
Power247™
PowerTrenchâ
QFET™
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
SILENT SWITCHERâ
SMARTSTART™
SPM™
Stealth™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic™
TruTranslation™
UHC™
UltraFETâ
VCX™
Across the board. Around the world.™
The Power Franchise™
Programmable Active Droop™


Similar Part No. - FDS8333C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS8333C-NL VBSEMI-FDS8333C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - FDS8333C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6333C FAIRCHILD-FDC6333C Datasheet
98Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
   30V NP Dual Channel MOSFETs
logo
FETek Technology Corp.
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
   30V NP Dual Channel MOSFETs
Ver : A
logo
First Silicon Co., Ltd
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
   30V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com