Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDBFS303 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # PDBFS303
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS303 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button PDBFS303 Datasheet HTML 2Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 3Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 4Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 5Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 6Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 9Page - Cooper Bussmann, Inc. PDBFS303 Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2A1279 accessory ordered separately.
For interlocking two or more blocks on a DIN
Rail, insert male dove tail part number 2A1279
into the female dove tail opening.
Fully insert male dove tail to
interlock blocks.
DIN Rail Mounting
PDBFS204, PDBFS220, PDBFS303,
PDBFS377, and PDBFS500 only.
Panel Mounting
Capable on all part numbers
OR
DIN Rail anchors are required on each
side of block or blocks.
Anchors must be used to prevent
damage to the plastic housing when
tightening terminals.
Close the latch
Hook load side onto
35mm DIN RAIL
Open the latch using
screwdriver
Use 2 screws for mounting
each pole (#10 or M5 screw)
(4 screws for PDBFS504)
Rotate PDB down
Series PDBFS Enclosed Power Distribution Blocks
1011
SB-BU09622
Page 6 of 23
Data Sheet 1049


Similar Part No. - PDBFS303

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PDBFS303 COOPER-PDBFS303 Datasheet
164Kb / 2P
   Enclosed Power Distribution Block Offer High SCCR
More results

Similar Description - PDBFS303

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
   Power Distribution & Terminal Blocks
logo
ABB
1SNA356103R0400 ABB-1SNA356103R0400 Datasheet
54Kb / 3P
   DBTI Distribution Terminal Blocks
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
   UL1953 Power Distribution Blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
   Global Distribution Blocks
logo
Molex Electronics Ltd.
39950-01 MOLEX-39950-01 Datasheet
146Kb / 2P
   600V High-Power Terminal Blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Altech corporation
38049 ALTECH-38049 Datasheet
120Kb / 2P
   ONE PHASE POWER DISTRIBUTION BLOCKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com