Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1601 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1601_13 Datasheet HTML 1Page - Microchip Technology MCP1601_13 Datasheet HTML 2Page - Microchip Technology MCP1601_13 Datasheet HTML 3Page - Microchip Technology MCP1601_13 Datasheet HTML 4Page - Microchip Technology MCP1601_13 Datasheet HTML 5Page - Microchip Technology MCP1601_13 Datasheet HTML 6Page - Microchip Technology MCP1601_13 Datasheet HTML 7Page - Microchip Technology MCP1601_13 Datasheet HTML 8Page - Microchip Technology MCP1601_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MCP1601
DS21762B-page 2
 2003-2013 Microchip Technology Inc.
Typical Application
Functional Block Diagram
VOUT
PGND
LX
SHDN
VIN
1
2
3
4
8
7
6
5
MCP1601
FB
SYNC/
AGND
Input
Voltage
2.7V-4.2V
CIN
10 µF
10 µH
COUT
10 µF
R1
250 k
(for 1.8V)
R2
200 k
Typical Application (2.7V to 4.2V)
IOUT = 0 mA to 400 mA
COUT Range
10 µF to 47 µF
L Range
10 µH to 22 µH
C1
47 pF
VOUT Range
1.2V to 3.3V
PWM
+
-
EA
CCOMP
FB
RCOMP
Feedforward Oscillator
K*VIN
Duty
Clamp
10% - 90%
PWM Latch
R
OUT
Inset
Timing
0.8V
ISENSEP
VREF
S
SQW
VIN
SHDN
Internal
Circuit
UVLO
Enable Out
AGND
AGND
AGND
PFM Comparator
Internal
Band Gap
Reference
Buffered 0.8V Output
VREF
SYNC/PWM
VREF
ISENSEP
ISENSEN
PFM Mode
Timing
LX
VOUT
PGND
PGND
Soft Start
ISENSEN
Duty
Clamp
800 k
 12 pF
10 pF
3M
-
-
+
VREF
-
-
+
-
+
Enable
Cycle
Cycle


Similar Part No. - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
More results

Similar Description - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com