Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50M45-01-1-02N Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 50M45-01-1-02N
Description  Single Deck Rotary Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

50M45-01-1-02N Datasheet(HTML) 3 Page - Grayhill, Inc

  50M45-01-1-02N Datasheet HTML 1Page - Grayhill, Inc 50M45-01-1-02N Datasheet HTML 2Page - Grayhill, Inc 50M45-01-1-02N Datasheet HTML 3Page - Grayhill, Inc 50M45-01-1-02N Datasheet HTML 4Page - Grayhill, Inc 50M45-01-1-02N Datasheet HTML 5Page - Grayhill, Inc 50M45-01-1-02N Datasheet HTML 6Page - Grayhill, Inc 50M45-01-1-02N Datasheet HTML 7Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Single Deck Rotary Switches
SPECIFICATIONS
Military Qualification
The dimensions for qualified switches are
the same as those indicated in the drawings
of standard switches. Switches with standard
variations, such as shaft and bushing length,
which do not affect switch performance, can be
marked as qualified product. Contact Grayhill
for complete information on variations.
36°, 45°, 60°, 90° (Series 50): The C and M
style switches are qualified to MIL‑S‑3786/20.
They include the following:
Solder lug or PC terminals
With or without panel seal
Series 50 qualified switches may be ordered
by the ‘M’ number or by the Grayhill part
number.
30° (Series 51): The C and M style switches
are qualified to MIL‑S‑3786/35. They include
the following:
Solder lug or PC terminals
With or without panel seal
Series 51 qualified switches may be ordered
by the ‘M’ number or by the Grayhill part
number.
Additional Characteristics
Contact Type and Forces: Shorting or non‑
shorting wiping contacts with over 80 grams
of contact force.
ShaftFlatOrientation:Flatoppositecontacting
position of pole number one (see circuit
diagrams).
Terminals: Switches have the full circle of
terminals, regardless of number of active
position.
Stop Strength: 7.5 pound‑inches minimum
Rotational Torque: 8–24 ounce‑inches,
depending on the number of poles.
SPECIFICATIONS: Other
PROCESS SEAlEd–Style T
Switch can be mounted on PC board with other
components and subjected to wave soldering
and conventional board cleaning techniques.No
secondary wiring or soldering is necessary.
Bushing is o‑ring sealed;epoxy potting seals the
terminals and the rear of the switch. Designed
for PC assembly, this sealing technique can also
be applied to solder lug terminal switches. A
bushing to panel seal can also be added to the
process sealed versions. Military qualified ver‑
sions are available, see ordering information.
Electrical Ratings
life Expectancy:With the limiting criteria stated
here, the Series 50 and 51 with non‑shorting
contacts will switch the following loads at
atmospheric and reduced pressures for 25,000
cycles of operations. One cycle is 360° rotation
clockwise and 360° return.
At 85°C, atmospheric pressure
200 mA,
28 Vdc resistive
150 mA,
115 Vac resistive
30 mA,
28 Vdc inductive
100 mA,
28 Vdc lamp load
75 mA,
220 Vac lamp load
At 25°C, reduced pressure (70,000 feet)
200 mA,
28 Vdc resistive
150 mA,
115 Vac resistive
75 mA,
220 Vac resistive
Contact Resistance: 20 milliohms maximum,
(10 milliohms initially).
Insulation Resistance: 1,000 Mohms
minimum between mutually insulated parts.
Voltage Breakdown: 600 Vac minimum
between mutually insulated parts at standard
atmospheric pressure.
life Expectancy: Listed for the voltage source
and make and break current levels. Contact
Grayhill for more information if any of the
following is true: the life limiting criteria are
more critical than those listed;longer operation
is required; a larger make and break current is
required; the operating environment includes
elevated temperatures or reduced pressures.
Contact Carry Rating: Switch will carry
6 amperes continuously with a maximum
contact temperature rise of 20°C.
Materials and Finishes
Switch Base: Thermoset
detent Rotor: Nylon
Shaft, Stop Blades, Stop Arm, Thrust washer,
and Retaining Ring: Stainless steel
detent Balls: Steel, nickel‑plated
Bushing: Zinc, tin‑zinc plated
Detent and Contact Springs: Stainless steel
Common Ring: Brass, gold‑plated over silver
plate.
Terminals: Brass, gold‑plated over silver plate
and nickel plate
Rotor Contact: Precious metal alloy, gold‑
plated
Panel Seal: Silicone rubber
Shaft Seal: Fluorosilicone
Mounting Nuts: Brass, tin‑zinc plated
Mounting Hardware: One mounting nut .089"
thick by .375" across flats and one internal tooth
lockwasher are supplied with the switch.
Maximum Mounting Torque: 15in‑lbs
1/4" SHAFT: Style K
POS. 1
CIRCLE SHOWING
DIMENSIONS OF
HOLE TO BE CUT
IN PANEL.
POS. 1
POS. 1
Ø0.254
Ø0.280
Ø0.380
0.208
0.240
0.350
1/8"Shaft
"E" Style
"K" Style
3/8-32 UNEF-2A
THREAD
.250
±.015
.375
±.015
+.001
-.002
.250
.250
±.015
.340
±.005
.219
±.004
Rotary
6
"K" Style
POS. 1
Ø0.380
0.350


Similar Part No. - 50M45-01-1-02N

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
50M SHUNYE-50M Datasheet
186Kb / 2P
   SOZA CELL
logo
Naina Semiconductor ltd...
50MB NAINA-50MB Datasheet
106Kb / 2P
   Single Phase Bridge Rectifier
logo
Kemet Corporation
50MH3100AA60K KEMET-50MH3100AA60K Datasheet
226Kb / 1P
   A50, Film, Metallized Polyester, Automotive Grade, 0.1 uF, 10%, 200 VAC, 400 VDC, 85°C
10/20/2022
logo
RUBYCON CORPORATION
50MH50.1M4X5 RUBYCON-50MH50.1M4X5 Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50MH50.22M4X5 RUBYCON-50MH50.22M4X5 Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50M45-01-1-02N

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56SDP30-01-2-AJS GRAYHILL-56SDP30-01-2-AJS Datasheet
72Kb / 4P
   Single Deck Rotary Switches
77-SERIES GRAYHILL-77-SERIES Datasheet
1Mb / 5P
   Single Deck Rotary Switches
71C2054 GRAYHILL-71C2054 Datasheet
49Kb / 1P
   Multi-Deck Rotary Switches
71ADF36-02-2-AJN GRAYHILL-71ADF36-02-2-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
57HS22-05-1-16N-C GRAYHILL-57HS22-05-1-16N-C Datasheet
152Kb / 4P
   Multi-Deck Rotary Switches
71BD30-05-1-AJN GRAYHILL-71BD30-05-1-AJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
71BDF30-02PAJN GRAYHILL-71BDF30-02PAJN Datasheet
363Kb / 14P
   Multi-Deck Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com