Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M3658 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 170M3658
Description  Square Body US Style ??690V/700V (IEC): 40-2000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M3658 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  170M3658 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M3658 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
127
Square Body US style — 690V/700V (IEC): 40-2000A
C
Ca
atta
allo
og
g N
Nu
um
mb
be
errs
s
--F
FK
KE
E//--
--F
FK
KE
E//1
11
15
5
E
Elle
ec
cttrriic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
--F
FU
U//--
T
Ty
yp
pe
e K
K
--F
FU
U//1
11
15
5
T
Ty
yp
pe
e K
K
R
Ra
atte
ed
d
II22tt ((A
A22 S
Se
ec
c))
W
Wiitth
ho
ou
utt
IIn
nd
diic
ca
atto
orr
W
Wiitth
ho
ou
utt
IIn
nd
diic
ca
atto
orr
C
Cu
urrrre
en
ntt
C
Clle
ea
arriin
ng
g
W
Wa
atttts
s
IIn
nd
diic
ca
atto
orr
ffo
orr M
Miic
crro
o
IIn
nd
diic
ca
atto
orr
ffo
orr M
Miic
crro
o
S
Siiz
ze
e
R
RM
MS
S--A
Am
mp
ps
s
P
Prre
e--a
arrc
c
a
att 6
66
60
0V
V
L
Lo
os
ss
s
170M3608
170M3658
170M3708
170M3758
40
40
270
9
170M3609
170M3659
170M3709
170M3759
50
77
515
11
170M3610
170M3660
170M3710
170M3760
63
115
770
14
170M3611
170M3661
170M3711
170M3761
80
185
1250
18
170M3612
170M3662
170M3712
170M3762
100
360
2450
21
170M3613
170M3663
170M3713
170M3763
125
550
3700
26
170M3614
170M3664
170M3714
170M3764
160
1100
7500
30
170M3615
170M3665
170M3715
170M3765
200
2200
15000
35
170M3616
170M3666
170M3716
170M3766
1*
250
4200
28500
40
170M3617
170M3667
170M3717
170M3767
315
7000
46500
50
170M3618
170M3668
170M3718
170M3768
350
10000
68500
55
170M3619
170M3669
170M3719
170M3769
400
15000
105000
60
170M3620
170M3670
170M3720
170M3770
450
21000
140000
65
170M3621
170M3671
170M3721
170M3771
500
27000
180000
70
170M3622
170M3672
170M3722
170M3772
550
34000
230000
75
170M3623
170M3673
170M3723
170M3773
630
48500
325000
80
170M4608
170M4658
170M4708
170M4758
200
1650
11500
45
170M4609
170M4659
170M4709
170M4759
250
3100
21000
55
170M4610
170M4660
170M4710
170M4760
315
6200
42000
58
170M4611
170M4661
170M4711
170M4761
350
8500
59000
60
170M4612
170M4662
170M4712
170M4762
400
13500
91500
65
170M4613
170M4663
170M4713
170M4763
1
450
17000
120000
70
170M4614
170M4664
170M4714
170M4764
500
25000
170000
72
170M4615
170M4665
170M4715
170M4765
550
34000
230000
75
170M4616
170M4666
170M4716
170M4766
630
52000
350000
80
170M4617
170M4667
170M4717
170M4767
700
69500
465000
85
170M4618
170M4668
170M4718
170M4768
800
105000
725000
95
170M4619
170M4669
170M4719
170M4769
‡900
155000
‡850000
100
170M5608
170M5658
170M5708
170M5758
400
11000
74000
65
170M5609
170M5659
170M5709
170M5759
450
15500
105000
70
170M5610
170M5660
170M5710
170M5760
500
21500
145000
75
170M5611
170M5661
170M5711
170M5761
550
28000
190000
80
170M5612
170M5662
170M5712
170M5762
630
41000
275000
90
170M5613
170M5663
170M5713
170M5763
2
700
60500
405000
95
170M5614
170M5664
170M5714
170M5764
800
86000
575000
105
170M5615
170M5665
170M5715
170M5765
900
125000
840000
110
170M5616
170M5666
170M5716
170M5766
1000
180000
1250000
115
170M5617
170M5667
170M5717
170M5767
1100
245000
1600000
120
170M5618
170M5668
170M5718
170M5768
1250
365000
2400000
130
170M6608
170M6658
170M6708
170M6758
500
14000
95000
95
170M6609
170M6659
170M6709
170M6759
550
19500
135000
100
170M6610
170M6660
170M6710
170M6760
630
31000
210000
105
170M6611
170M6661
170M6711
170M6761
700
44500
300000
110
170M6612
170M6662
170M6712
170M6762
800
69500
465000
115
170M6613
170M6663
170M6713
170M6763
900
100000
670000
120
170M6614
170M6664
170M6714
170M6764
1000
140000
945000
125
170M6615
170M6665
170M6715
170M6765
3
1100
190000
1300000
130
170M6616
170M6666
170M6716
170M6766
1250
290000
1950000
140
170M6617
170M6667
170M6717
170M6767
1400
370000
2450000
155
170M6618
170M6668
170M6718
170M6768
1500
460000
3100000
160
170M6619
170M6669
170M6719
170M6769
1600
580000
3900000
160
170M6620
170M6670
170M6720
170M6770
†1800
880000
†5250000
165
170M6621
170M6671
170M6721
170M6771
‡2000
1150000
‡6350000
175
†Rated voltage (IEC) 600V.
‡Rated voltage (IEC) 550V.
• Watts loss provided at rated current.
• Microswitch indicator ordered separately. See accessories on pages 185-186.
• For fuse curves see pages 130 and 131.
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
High Speed Fuses
Catalog Numbers


Similar Part No. - 170M3658

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
170M3009 COOPER-170M3009 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3009 COOPER-170M3009 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
More results

Similar Description - 170M3658

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M3258 COOPER-170M3258 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M6814D COOPER-170M6814D Datasheet
268Kb / 3P
   Square Body DIN 43 620 ??690V/700V (IEC/UL): 40-1000A
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com