Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1525 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1525
Description  2.5V and 4.096V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1525_13 Datasheet HTML 1Page - Microchip Technology MCP1525_13 Datasheet HTML 2Page - Microchip Technology MCP1525_13 Datasheet HTML 3Page - Microchip Technology MCP1525_13 Datasheet HTML 4Page - Microchip Technology MCP1525_13 Datasheet HTML 5Page - Microchip Technology MCP1525_13 Datasheet HTML 6Page - Microchip Technology MCP1525_13 Datasheet HTML 7Page - Microchip Technology MCP1525_13 Datasheet HTML 8Page - Microchip Technology MCP1525_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 5
MCP1525/41
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VIN = 5.0V, VSS = GND, IOUT = 0 mA and CL =1µF.
FIGURE 2-1:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-2:
Load Regulation vs.
Ambient Temperature.
FIGURE 2-3:
Input Current vs. Ambient
Temperature.
FIGURE 2-4:
Line Regulation vs. Ambient
Temperature.
FIGURE 2-5:
Output Impedance vs.
Frequency.
FIGURE 2-6:
Output Noise Voltage
Density vs. Frequency.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
2.525
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
4.040
4.050
4.060
4.070
4.080
4.090
4.100
4.110
4.120
4.130
4.140
MCP1525
MCP1541
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
255075
100
Ambient Temperature (°C)
Source Current =
0 mA to 2 mA
Sink Current =
0 mA to -2 mA
MCP1525 and MCP1541
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
MCP1525
MCP1541
0
20
40
60
80
100
120
140
-50
-25
0
255075
100
Ambient Temperature (°C)
MCP1525
VIN = 2.7V to 5.5V
MCP1541
VIN = 4.3V to 5.5V
0
1
2
3
4
5
6
7
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06
Frequency (Hz)
MCP1525 and MCP1541
IOUT = +2 mA
IOUT = -2 mA
1
10
100
1k
10k
100k
1M
1
10
100
1,000
Frequency (Hz)
0.1
10
1k
10k
100k
1
100
MCP1541
MCP1525
21653C.book Page 5 Thursday, January 10, 2013 12:55 PM


Similar Part No. - MCP1525_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1525-ITO MICROCHIP-MCP1525-ITO Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525I/TO MICROCHIP-MCP1525I/TO Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1525I/TT MICROCHIP-MCP1525I/TT Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
MCP1525T-ITT MICROCHIP-MCP1525T-ITT Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
More results

Similar Description - MCP1525_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
   2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
   2.5V AND 4.096V VOLTAGE REFERENCES
2001
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
   2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
   2.5V and 4.096V Voltage References
10/20/04
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
   2.5V and 4.096V Voltage References
2005
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
   1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
logo
STMicroelectronics
LM236 STMICROELECTRONICS-LM236_07 Datasheet
426Kb / 15P
   2.5V voltage references
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com