Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2855DL1-33 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2855DL1-33
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2855DL1-33 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2855DL1-33 Datasheet HTML 1Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 2Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 3Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 4Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 5Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 6Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 7Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 8Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
NJM2855
Ver.2012-10-24
LOW DROPOUT VOLTAGE REGULATOR
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJM2855 is a 3-terminal low dropout voltage regulator.
Advanced Bipolar technology achieves low noise, high ripple
rejection.
It delivers up to 5V/1A output power with the maximum input
voltage of 10V.
The NJM2855 is suitable for various applications such as
portable / consumer devices.
FEATURES
High Ripple Rejection
75dB typ. (f=1kHz,Vo=3V Version)
Output Noise Voltage
Vno=45µVrms typ.
Output capacitor with 2.2
µF ceramic capacitor (Vo≥2.7V)
Output Current
Io (max.)=1A
High Precision Output
Vo
±1.0%
Low Dropout Voltage
0.20V typ. (Io=600mA)
Internal Short Circuit Current Limit
Internal Thermal Overload Protection
Bipolar Technology
Package Outline
TO-252-3
PIN CONFIGURATION
EQUIVALENT CIRCUIT
VOUT
Thermal
Protection
Bandgap
Reference
V IN
GND
NJM2855DL1
PIN FUNCTION
1.VIN
2.GND
3.VOUT
NJM2855DL1
3
1
2


Similar Part No. - NJM2855DL1-33

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2855DL1 NJRC-NJM2855DL1 Datasheet
224Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2855DL1-33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com