Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG408BR-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADG408BR-REEL
Description  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG408BR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG408BR-REEL Datasheet HTML 2Page - Analog Devices ADG408BR-REEL Datasheet HTML 3Page - Analog Devices ADG408BR-REEL Datasheet HTML 4Page - Analog Devices ADG408BR-REEL Datasheet HTML 5Page - Analog Devices ADG408BR-REEL Datasheet HTML 6Page - Analog Devices ADG408BR-REEL Datasheet HTML 7Page - Analog Devices ADG408BR-REEL Datasheet HTML 8Page - Analog Devices ADG408BR-REEL Datasheet HTML 9Page - Analog Devices ADG408BR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG408/ADG409
Rev. C | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
44 V
VDD to GND
−0.3 V to +32 V
VSS to GND
+0.3 V to −32 V
Analog, Digital Inputs
VSS − 2 V to VDD + 2 V or 20 mA,
whichever occurs first
Continuous Current, S or D
20 mA
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle
Maximum)
40 mA
Operating Temperature Range
Industrial (B Version)
−40° C to +85°C
Extended (T Version)
−55° C to +125°C
Storage Temperature Range
−65° C to +150°C
Junction Temperature
150°C
CERDIP Package, Power Dissipation
900 mW
θJA, Thermal Impedance
76°C/W
Lead Temperature, Soldering
(10 sec)
300°C
PDIP Package, Power Dissipation
470 mW
θJA, Thermal Impedance
117°C/W
Lead Temperature, Soldering
(10 sec)
260°C
TSSOP Package, Power Dissipation
450 mW
θJA, Thermal Impedance
155°C/W
θJC, Thermal Impedance
50°C/W
SOIC Package, Power Dissipation
600 mW
θJA, Thermal Impedance
77°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADG408BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408BR-REEL AD-ADG408BR-REEL Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408BR-REEL7 AD-ADG408BR-REEL7 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results

Similar Description - ADG408BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
ADG408 AD-ADG408 Datasheet
223Kb / 11P
   LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. A
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428 Datasheet
157Kb / 12P
   LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG406 AD-ADG406 Datasheet
378Kb / 12P
   LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. 0
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG409 AD-ADG409_15 Datasheet
440Kb / 16P
   LC MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com