Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM5534M Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM5534M
Description  HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM5534M Datasheet(HTML) 5 Page - New Japan Radio

  NJM5534M Datasheet HTML 1Page - New Japan Radio NJM5534M Datasheet HTML 2Page - New Japan Radio NJM5534M Datasheet HTML 3Page - New Japan Radio NJM5534M Datasheet HTML 4Page - New Japan Radio NJM5534M Datasheet HTML 5Page - New Japan Radio NJM5534M Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NJM5534
- 5 -
Ver.2011-02-22
■ TEST CIRCUIT
■ ADJUSTMENT METHOD
Fig.1-1, Fig.1-2 shows the input offset voltage adjustment circuit, and frequency compensation circuit.
Without these features, the adjustment pins are open.
■ NOTICE
When used in voltage follower circuit, put a current limit resistor into non-inverting input terminal in order to avoid inside
input diode destruction when the power supply is turned on. ( ref.Fig.2 )
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Cc
3
6
8
5
2
Fig.1-1 Input Offset Voltage Adjustment
Fig.1-2 Frequency Compensation
Fig.2
V+
100k
22k
1
8
6
3
2
30k
330k
0.0024µ
0.0082µ
47µ
610
56k
Rs
2.2k
3.3µ
100µ
100µ
-15V
+15V
0.47µ
2.2µ
220k
40dB Amp
30kHz LPF
Vout
Noise Voltage (RIAA) measurement circuit
INPUT
OUTPUT
1k


Similar Part No. - NJM5534M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM5534M NJRC-NJM5534M Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
More results

Similar Description - NJM5534M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
logo
Fairchild Semiconductor
RC5534AN FAIRCHILD-RC5534AN Datasheet
85Kb / 11P
   High Performance Low Noise Operational Amplifier
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com