Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM78L02A Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM78L02A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L02A Datasheet(HTML) 4 Page - New Japan Radio

  NJM78L02A Datasheet HTML 1Page - New Japan Radio NJM78L02A Datasheet HTML 2Page - New Japan Radio NJM78L02A Datasheet HTML 3Page - New Japan Radio NJM78L02A Datasheet HTML 4Page - New Japan Radio NJM78L02A Datasheet HTML 5Page - New Japan Radio NJM78L02A Datasheet HTML 6Page - New Japan Radio NJM78L02A Datasheet HTML 7Page - New Japan Radio NJM78L02A Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJM78L00
- 4 -
Ver.2003-07-18
■ ELECTRICAL CHARACTERISTICS(CIN=0.33µF, CO=0.1µF, Tj=25°C)
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM78L09A(*3)
Output Voltage
VO
VIN=15V, IO=40mA
8.55
9.0
9.45
V
Line Regulation 1
∆VO-VIN1
VIN=11.5V to 23V, IO=40mA
-
-
250
mV
Line Regulation 2
∆VO-VIN2
VIN=12V to 23V, IO=40mA
-
-
200
mV
Load Regulation 1
∆VO-IO1
VIN=15V, IO=1 to 40mA
-
-
50
mV
Load Regulation 2
∆VO-IO2
VIN=15V, IO=1 to 100mA
-
-
100
mV
Quiescent Current
IQ
VIN=15V, IO=0mA
-
2.1
6
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=15V, IO=1mA
-
0.65
-
mV/°C
Ripple Rejection
RR
12V< VIN <21V, IO=40mA, ein=1VP-P, f=120Hz
38
65
-
dB
Output Noise Voltage
VNO
VIN=15V, BW=10Hz to 100kHz, IO=40mA
-
125
-
µV
NJM78L10A
Output Voltage
VO
VIN=16V, IO=40mA
9.5
10.0
10.5
V
Line Regulation 1
∆VO-VIN1
VIN=13V to 25V, IO=40mA
-
-
250
mV
Line Regulation 2
∆VO-VIN2
VIN=14V to 25V, IO=40mA
-
-
200
mV
Load Regulation 1
∆VO-IO1
VIN=16V, IO=1 to 40mA
-
-
50
mV
Load Regulation 2
∆VO-IO2
VIN=16V, IO=1 to 100mA
-
-
100
mV
Quiescent Current
IQ
VIN=16V, IO=0mA
-
2.1
6
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=16V, IO=1mA
-
0.7
-
mV/°C
Ripple Rejection
RR
13V< VIN <22V, IO=40mA, ein=1VP-P, f=120Hz
37
64
-
dB
Output Noise Voltage
VNO
VIN=16V, BW=10Hz to 100kHz, IO=40mA
-
135
-
µV
NJM78L12A(*3)
Output Voltage
VO
VIN=19V, IO=40mA
11.4
12.0
12.6
V
Line Regulation 1
∆VO-VIN1
VIN=14.5V to 27V, IO=40mA
-
-
250
mV
Line Regulation 2
∆VO-VIN2
VIN=16V to 27V, IO=40mA
-
-
200
mV
Load Regulation 1
∆VO-IO1
VIN=19V, IO=1 to 40mA
-
-
50
mV
Load Regulation 2
∆VO-IO2
VIN=19V, IO=1 to 100mA
-
-
100
mV
Quiescent Current
IQ
VIN=19V, IO=0mA
-
2.1
6.5
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=19V, IO=1mA
-
0.9
-
mV/°C
Ripple Rejection
RR
15V< VIN <25V, IO=40mA, ein=1VP-P, f=120Hz
37
62
-
dB
Output Noise Voltage
VNO
VIN=19V, BW=10Hz to 100kHz, IO=40mA
-
160
-
µV
NJM78L15A
Output Voltage
VO
VIN=23V, IO=40mA
14.3
15.0
15.7
V
Line Regulation 1
∆VO-VIN1
VIN=17.5V to 30V, IO=40mA
-
-
300
mV
Line Regulation 2
∆VO-VIN2
VIN=20V to 30V, IO=40mA
-
-
250
mV
Load Regulation 1
∆VO-IO1
VIN=23V, IO=1 to 40mA
-
-
75
mV
Load Regulation 2
∆VO-IO2
VIN=23V, IO=1 to 100mA
-
-
150
mV
Quiescent Current
IQ
VIN=23V, IO=0mA
-
2.2
6.5
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=23V, IO=1mA
-
1.0
-
mV/°C
Ripple Rejection
RR
18.5V< VIN <28.5V, IO=40mA, ein=1VP-P, f=120Hz
34
60
-
dB
Output Noise Voltage
VNO
VIN=23V, BW=10Hz to 100kHz, IO=40mA
-
190
-
µV
(*1) : SOT-89 package only.
(*2) : TO-92 package only.
(*3) : SOT-89, TO-92, EMP8


Similar Part No. - NJM78L02A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78L02A NJRC-NJM78L02A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L02A NJRC-NJM78L02A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM78L02A ETC2-NJM78L02A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L02A ETC2-NJM78L02A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78L02A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com