Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2N7002F
Description  N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002F Datasheet(HTML) 1 Page - NXP Semiconductors

  2N7002F Datasheet HTML 1Page - NXP Semiconductors 2N7002F Datasheet HTML 2Page - NXP Semiconductors 2N7002F Datasheet HTML 3Page - NXP Semiconductors 2N7002F Datasheet HTML 4Page - NXP Semiconductors 2N7002F Datasheet HTML 5Page - NXP Semiconductors 2N7002F Datasheet HTML 6Page - NXP Semiconductors 2N7002F Datasheet HTML 7Page - NXP Semiconductors 2N7002F Datasheet HTML 8Page - NXP Semiconductors 2N7002F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using
TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
2N7002F
N-channel TrenchMOS FET
Rev. 03 — 28 April 2006
Product data sheet
s Logic level threshold compatible
s Very fast switching
s Surface-mounted package
s TrenchMOS technology
s Logic level translator
s High-speed line driver
s VDS ≤ 60 V
s ID ≤ 475 mA
s RDSon ≤ 2 Ω
s Ptot ≤ 0.83 W
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
gate (G)
SOT23
2
source (S)
3
drain (D)
12
3
S
D
G
mbb076


Similar Part No. - 2N7002F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002F PHILIPS-2N7002F Datasheet
126Kb / 11P
   TrenchMOS Logic Level FET
Rev. 01-11 February 2002
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 2N7002F

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV30UN ZPSEMI-PMV30UN Datasheet
200Kb / 3P
   N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS??technology.
logo
NXP Semiconductors
PH1955L PHILIPS-PH1955L Datasheet
77Kb / 12P
   Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology.
Rev. 01-15 August 2005
PHB191NQ06LT PHILIPS-PHB191NQ06LT Datasheet
91Kb / 13P
   Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology
Rev. 01-05 May 2004
PSMN005-75P PHILIPS-PSMN005-75P Datasheet
271Kb / 13P
   N-channel logic level field-effect power transistor in a plastic package using TrenchMOS technology.
Rev. 01-26 April 2002
BUK7520-55A PHILIPS-BUK7520-55A Datasheet
318Kb / 15P
   N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology, featuring very low on-state resistance.
Rev. 01-18 January 2001
logo
SHIKUES Electronics
SKCS120N03ZB SKTECHNOLGY-SKCS120N03ZB Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Field Effect Transistor in a DFN 3*3A-8L Plastic Package.
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com