Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3JQ250-R Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 3JQ250-R
Description  BEL TYPE 2JQ/3JQ QUICK ACTING FUSE SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3JQ250-R Datasheet(HTML) 2 Page - Bel Fuse Inc.

  3JQ250-R Datasheet HTML 1Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 2Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 3Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 2JQ / 3JQ
Quick Acting Fuse Series
5 x 15 mm Glass Tube
RoHS 6 Compliant
Electrical Specifications
JQ May 2012D
Pb
JQ 100-R
100mA
6.14
2.10
350
Y
JQ 125-R
125mA
4.29
2.05
350
Y
JQ 150-R
150mA
3.35
1.90
350
Y
JQ 200-R
200mA
2.01
1.70
350
Y
Y
Y
Y
Y
Y
Y
Y
Y
0.007
0.008
0.048
0.004
0.041
0.0010
0.029
Agency Approvals
Maximum
Power
Dissipation
(W)
Melting I2T
@ 10 In
(A2 Sec)
Melting I2T
<10 m Sec
(A2 Sec)
0.0019
0.0020
0.035
0.00097
0.004
Interrupting
Rating
Volt-drop
@100% In
(Volt)
Max.
Voltage
Rating
(V)
Typical
Cold
Resistance
(ohm)
Ampere
Rating
Catalog
Number
JQ 200-R
200mA
2.01
1.70
350
Y
JQ 250-R
250mA
1.54
1.62
350
Y
JQ 300-R
300mA
1.18
1.44
350
Y
JQ 350-R
350mA
0.98
1.50
350
Y
JQ 400-R
400mA
0.46
0.60
350
Y
JQ 500-R
500mA
0.33
0.55
350
Y
JQ 600-R
600mA
0.26
0.48
350
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
100mA - 7A
/ 350V AC
0.007
0.008
0.048
0.014
0.015
0.036
0.040
0.072
0.067
0.079
0.092
0.10
0.026
0.05
0.10
0.14
0.029
0.06
0.11
0.16
0.057
JQ 750-R
750mA
0.188
0.45
350
Y
JQ 800-R
800mA
0.170
0.40
350
Y
JQ 1-R
1A
0.112
0.40
350
Y
JQ 1.25-R
1.25A
0.068
0.17
350
Y
JQ 1.5-R
1.5A
0.056
0.16
350
Y
JQ 1.6-R
1.6A
0.054
0.13
350
Y
JQ 2-R
2A
0.041
0.16
350
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
/ 350V AC
@100A
100mA - 7A
/ 140V DC
@150A
0.32
0.35
0.39
0.12
0.17
0.21
0.65
2.3
1.4
1.9
2.5
0.27
0.30
0.26
0.80
0.82
1.4
1.8
0.62
0.27
0.26
JQ 2.5-R
2.5A
0.033
0.15
350
Y
JQ 3-R
3A
0.027
0.15
350
Y
JQ 3.5-R
3.5A
0.022
0.14
350
Y
JQ 4-R
4A
0.019
0.14
350
Y
JQ 5-R
5A
0.015
0.13
350
Y
JQ 6-R
6A
0.012
0.13
350
Y
JQ 7-R
7A
0.010
0.12
350
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
4.6
1.2
0.48
0.66
0.73
0.59
53
0.9
1.1
5.6
13
20
4.0
9
12
35
46
10
4.3
23
40
JQ 7-R
7A
0.010
0.12
350
Y
Y
Y
Y
1.2
53
46
Consult manufacturer for other ratings
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre
Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  


Similar Part No. - 3JQ250-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3JQ BEL-3JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
3JQ BEL-3JQ Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results

Similar Description - 3JQ250-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0057R0100-01 BEL-0057R0100-01 Datasheet
1Mb / 4P
   Type 2JQ / 3JQ Quick-Acting Fuse Series
0657P2000-XX BEL-0657P2000-XX Datasheet
378Kb / 4P
   Type 0657P Quick Acting Fuse Series
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
   QUICK ACTING FUSE SERIES
2JQ BEL-2JQ Datasheet
99Kb / 2P
   Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
5SF BEL-5SF_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
2JQ BEL-2JQ_16 Datasheet
1Mb / 4P
   Quick Acting Fuse Series
0657P BEL-0657P Datasheet
1Mb / 4P
   Quick Acting Fuse Series
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
   QUICK ACTING MICRO FUSE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com