Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6961A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6961A
Description  Dual N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6961A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6961A Datasheet HTML 1Page - Fairchild Semiconductor FDS6961A Datasheet HTML 2Page - Fairchild Semiconductor FDS6961A Datasheet HTML 3Page - Fairchild Semiconductor FDS6961A Datasheet HTML 4Page - Fairchild Semiconductor FDS6961A Datasheet HTML 5Page - Fairchild Semiconductor FDS6961A Datasheet HTML 6Page - Fairchild Semiconductor FDS6961A Datasheet HTML 7Page - Fairchild Semiconductor FDS6961A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6961A Rev.C
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
=135° C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in note 1c.
Transient thermal response will change depending on the circuit board design.
0.1
0.2
0.5
1
2
5
10
30
10
20
50
100
200
500
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
0.1
0.2
0.5
1
2
5
10
30
50
0.01
0.05
0.1
0.5
1
2
5
10
30
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
1ms
10s
V
=10V
SINGLE PULSE
R
= 135°C/W
T
= 25°C
θJA
GS
A
100us
0.01
0.1
0.5
10
50 100
300
0
5
10
15
20
25
30
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=135 °C/W
T = 25°C
θJA
A
0
1
2
3
4
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 3.5A
D
V
= 5V
DS
10V
15V


Similar Part No. - FDS6961A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6900AS FAIRCHILD-FDS6900AS Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
FDS6900AS_NL FAIRCHILD-FDS6900AS_NL Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6911 FAIRCHILD-FDS6911 Datasheet
115Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET 20V, 7.5A, 13m廓
More results

Similar Description - FDS6961A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC6561AN FAIRCHILD-FDC6561AN Datasheet
256Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6930A FAIRCHILD-FDS6930A Datasheet
195Kb / 8P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com