Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44001
Description  SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44001 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch
Flange Size PE44001
URL: http://www.pasternack.com/sma-female-standard-0.015-pin-connector-pe44001-p.aspx
SMA Female Connector Field Replaceable Attachment
4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44001
PE44001 REV 01


Similar Part No. - PE44001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
   SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4400 PASTERNACK-PE4400 Datasheet
357Kb / 3P
   SMA Male Connector Clamp/Solder Attachment
PE44000 PASTERNACK-PE44000 Datasheet
238Kb / 2P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
   SMA Female Connector Field Replaceable Attachment
PE44003 PASTERNACK-PE44003 Datasheet
208Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
More results

Similar Description - PE44001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44006 PASTERNACK-PE44006 Datasheet
246Kb / 3P
   SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44014 PASTERNACK-PE44014 Datasheet
220Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44000 PASTERNACK-PE44000 Datasheet
238Kb / 2P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44003 PASTERNACK-PE44003 Datasheet
208Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
PE44004 PASTERNACK-PE44004 Datasheet
208Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.020 inch Pin, .375 inch Flange Size
PE44007 PASTERNACK-PE44007 Datasheet
247Kb / 3P
   SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .375 inch Flange Size
PE44009 PASTERNACK-PE44009 Datasheet
211Kb / 3P
   SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .375 inch Flange Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com