Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6892A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6892A
Description  Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6892A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6892A Datasheet HTML 1Page - Fairchild Semiconductor FDS6892A Datasheet HTML 2Page - Fairchild Semiconductor FDS6892A Datasheet HTML 3Page - Fairchild Semiconductor FDS6892A Datasheet HTML 4Page - Fairchild Semiconductor FDS6892A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 2001
©2001 Fairchild Semiconductor Corporation
FDS6892A Rev C (W)
FDS6892A
Dual N-Channel Logic Level PWM Optimized PowerTrench
®
® MOSFET
General Description
These N-Channel Logic Level MOSFETs are produced
using
Fairchild
Semiconductor’s
advanced
PowerTrench process that has been especially tailored
to minimize the on-state resistance and yet maintain
superior switching performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Features
• 7.5 A, 20 V.
RDS(ON) = 18 m
Ω @ V
GS = 4.5 V
RDS(ON) = 24 m
Ω @ V
GS = 2.5 V
• Low gate charge (12 nC)
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
D2
D2
D1
D1
S2
G2
S1
G1
Pin 1
SO-8
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
± 12
V
ID
Drain Current
– Continuous
(Note 1a)
7.5
A
– Pulsed
30
Power Dissipation for Dual Operation
2
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
PD
(Note 1c)
0.9
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6892A
FDS6892A
13’’
12mm
2500 units


Similar Part No. - FDS6892A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results

Similar Description - FDS6892A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ_10 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894A FAIRCHILD-FDS6894A Datasheet
82Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6892AZ FAIRCHILD-FDS6892AZ Datasheet
78Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912_0007 FAIRCHILD-FDS6912_0007 Datasheet
76Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ_F085 FAIRCHILD-FDS6898AZ_F085 Datasheet
332Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898A FAIRCHILD-FDS6898A Datasheet
81Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6894AZ FAIRCHILD-FDS6894AZ Datasheet
77Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6898AZ FAIRCHILD-FDS6898AZ Datasheet
77Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6912 FAIRCHILD-FDS6912 Datasheet
219Kb / 8P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com