Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4428A Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4428A
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428A Datasheet(HTML) 3 Page - Microchip Technology

  TC4428A Datasheet HTML 1Page - Microchip Technology TC4428A Datasheet HTML 2Page - Microchip Technology TC4428A Datasheet HTML 3Page - Microchip Technology TC4428A Datasheet HTML 4Page - Microchip Technology TC4428A Datasheet HTML 5Page - Microchip Technology TC4428A Datasheet HTML 6Page - Microchip Technology TC4428A Datasheet HTML 7Page - Microchip Technology TC4428A Datasheet HTML 8Page - Microchip Technology TC4428A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21423G-page 3
TC4426A/TC4427A/TC4428A
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +22V
Input Voltage, IN A or IN B
..................................... (VDD + 0.3V) to (GND – 5V)
Package Power Dissipation (TA 70°C)
DFN .............................................................. Note 2
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
† Notice: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indicated
in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
V
DD18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–1.0
–10
+1.0
+10
A0VV
INVDD
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
7
7
8
8
9
10
11
12
IOUT = 10 mA, VDD = 18V, TA = +25°C
0°C
T
A+70°C
-40°C
T
A+85°C
-40°C
T
A+125°C
Peak Output Current
IPK
—1.5
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
> 0.5
A
Duty cycle
2%, t 300 sec
VDD = 18V
Switching Time (Note 1)
Rise Time
tR
25
27
29
30
35
40
40
40
ns
TA = +25°C
0°C
T
A+70°C
-40°C
T
A+85°C
-40°C
T
A+125°C, Figure 4-1
Fall Time
tF
25
27
29
30
35
40
40
40
ns
TA = +25°C
0°C
T
A+70°C
-40°C
T
A+85°C
-40°C
T
A+125°C, Figure 4-1
Delay Time
tD1
30
33
35
38
35
40
45
50
ns
TA = +25°C
0°C
T
A+70°C
-40°C
T
A+85°C
-40°C
T
A+125°C, Figure 4-1
Delay Time
tD2
30
33
35
38
35
40
45
50
ns
TA = +25°C
0°C
T
A+70°C
-40°C
T
A+85°C
-40°C
T
A+125°C, Figure 4-1
Power Supply
Power Supply Current
IS
1.0
0.1
2.0
0.2
mA
VIN = 3V (Both inputs)
VIN = 0V (Both inputs), VDD = 18V
Note
1:
Switching times ensured by design.
2:
Package power dissipation is dependent on the copper pad area on the PCB.


Similar Part No. - TC4428A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4428A TELCOM-TC4428A Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4428A MICROCHIP-TC4428A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4428A MICROCHIP-TC4428A Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4428ACMF MICROCHIP-TC4428ACMF Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4428ACMF713 MICROCHIP-TC4428ACMF713 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
More results

Similar Description - TC4428A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com