Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4421AVMF Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4421AVMF
Description  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421AVMF Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4421AVMF Datasheet HTML 6Page - Microchip Technology TC4421AVMF Datasheet HTML 7Page - Microchip Technology TC4421AVMF Datasheet HTML 8Page - Microchip Technology TC4421AVMF Datasheet HTML 9Page - Microchip Technology TC4421AVMF Datasheet HTML 10Page - Microchip Technology TC4421AVMF Datasheet HTML 11Page - Microchip Technology TC4421AVMF Datasheet HTML 12Page - Microchip Technology TC4421AVMF Datasheet HTML 13Page - Microchip Technology TC4421AVMF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC4421A/TC4422A
DS21946B-page 10
 2005-2013 Microchip Technology Inc.
4.0
APPLICATIONS INFORMATION
FIGURE 4-1:
Switching Time Test Circuits.
Inverting Driver
Non-Inverting Driver
Input
tD1
tF
tR
tD2
Input: 100 kHz,
square wave,
tRISE = tFALL  10 nsec
Output
Input
Output
tD1
tF
tR
tD2
+5V
10%
90%
10%
90%
10%
90%
+18V
0V
90%
10%
10%
10%
90%
+5V
+18V
0V
0V
0V
90%
26
7
5
4
1
8
CL = 10,000 pF
0.1 µF
4.7 µF
Input
VDD = 18V
Output
0.1 µF
TC4421A
TC4422A
Note: Pinout shown is for the DFN, PDIP and SOIC packages.
VDD VDD
Input
GND
GND
Output
Output


Similar Part No. - TC4421AVMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421AVMF MICROCHIP-TC4421AVMF Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVMF713 MICROCHIP-TC4421AVMF713 Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Similar Description - TC4421AVMF

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com