Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4422M Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4422M
Description  9A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422M Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4422M Datasheet HTML 2Page - Microchip Technology TC4422M Datasheet HTML 3Page - Microchip Technology TC4422M Datasheet HTML 4Page - Microchip Technology TC4422M Datasheet HTML 5Page - Microchip Technology TC4422M Datasheet HTML 6Page - Microchip Technology TC4422M Datasheet HTML 7Page - Microchip Technology TC4422M Datasheet HTML 8Page - Microchip Technology TC4422M Datasheet HTML 9Page - Microchip Technology TC4422M Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4421M/TC4422M
DS21934B-page 6
 2005-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-7:
Supply Current vs.
Capacitive Load (VDD = 18V).
FIGURE 2-8:
Supply Current vs.
Capacitive Load (VDD = 12V).
FIGURE 2-9:
Supply Current vs.
Capactive Load (VDD = 6V).
FIGURE 2-10:
Supply Current vs.
Frequency (VDD = 18V).
FIGURE 2-11:
Supply Current vs.
Frequency (VDD = 12V).
FIGURE 2-12:
Supply Current vs.
Frequency (VDD = 6V).
220
100
200
180
160
140
120
100
80
60
40
20
0
100,000
10,000
1000
1.125 MHz
632 kHz
200 kHz
20 kHz
2 MHz
63.2 kHz
CLOAD (pF)
VDD = 18V
180
160
140
120
100
60
0
80
40
20
1.125 MHz
63.2 kHz
20 kHz
632 kHz
200 kHz
2 MHz
100
100,000
10,000
1000
VDD = 12V
CLOAD (pF)
100
90
80
70
60
50
40
30
20
10
0
20 kHz
632 kHz
200 kHz
2 MHz
63.2 kHz
100
100,000
10,000
1000
VDD = 6V
CLOAD (pF)
FREQUENCY (kHz)
180
100
80
60
40
20
0
120
140
160
0.1
μF
22,000 pF
470 pF
10,000 pF
4700 pF
10
100
1000
47,000 pF
VDD = 18V
FREQUENCY (kHz)
180
100
80
60
40
20
0
120
140
160
0.1
μF
470 pF
22,000 pF
4700 pF
10,000 pF
47,000 pF
10
100
1000
VDD = 12V
47,000 pF
120
40
20
0
100
0.1
μF
4700 pF
10
FREQUENCY (kHz)
100
1000
60
80
22,000 pF
470 pF
10,000 pF
10
100
1000
VDD = 6V


Similar Part No. - TC4422M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4422M MICROCHIP-TC4422M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
logo
TelCom Semiconductor, I...
TC4422MJA TELCOM-TC4422MJA Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4422MJA MICROCHIP-TC4422MJA Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4422MJA MICROCHIP-TC4422MJA Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
More results

Similar Description - TC4422M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com