Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4421A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4421A
Description  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421A Datasheet(HTML) 1 Page - Microchip Technology

  TC4421A_13 Datasheet HTML 1Page - Microchip Technology TC4421A_13 Datasheet HTML 2Page - Microchip Technology TC4421A_13 Datasheet HTML 3Page - Microchip Technology TC4421A_13 Datasheet HTML 4Page - Microchip Technology TC4421A_13 Datasheet HTML 5Page - Microchip Technology TC4421A_13 Datasheet HTML 6Page - Microchip Technology TC4421A_13 Datasheet HTML 7Page - Microchip Technology TC4421A_13 Datasheet HTML 8Page - Microchip Technology TC4421A_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2005-2013 Microchip Technology Inc.
DS21946B-page 1
TC4421A/TC4422A
Features
• High Peak Output Current: 10A (typ.)
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Continuous Output Current: 2A (max.)
• Matched Fast Rise and Fall Times:
- 15 ns with 4,700 pF Load
- 135 ns with 47,000 pF Load
• Matched Short Propagation Delays: 42 ns (typ.)
• Low Supply Current:
- With Logic ‘1’ Input – 130 µA (typ.)
- With Logic ‘0’ Input – 33 µA (typ.)
• Low Output Impedance: 1.2
 (typ.)
• Latch-Up Protected: Will Withstand 1.5A Output
Reverse Current
• Input Will Withstand Negative Inputs Up To 5V
• Pin-Compatible with the TC4420/TC4429
and TC4421/TC4422 MOSFET Drivers
• Space-Saving, Thermally-Enhanced, 8-Pin DFN
Package
Applications
• Line Drivers for Extra Heavily-Loaded Lines
• Pulse Generators
• Driving the Largest MOSFETs and IGBTs
• Local Power ON/OFF Switch
• Motor and Solenoid Driver
• LF Initiator
General Description
The TC4421A/TC4422A are improved versions of the
earlier
TC4421/TC4422
family
of
single-output
MOSFET drivers. These devices are high-current buf-
fer/drivers capable of driving large MOSFETs and Insu-
lated
Gate
Bipolar
Transistors
(IGBTs).
The
TC4421A/TC4422A have matched output rise and fall
times, as well as matched leading and falling-edge
propagation delay times. The TC4421A/TC4422A
devices also have very low cross-conduction current,
reducing the overall power dissipation of the device.
These devices are essentially immune to any form of
upset, except direct overvoltage or over-dissipation.
They cannot be latched under any conditions within
their power and voltage ratings. These parts are not
subject to damage or improper operation when up to
5V of ground bounce is present on their ground
terminals. They can accept, without damage or logic
upset, more than 1A inductive current of either polarity
being forced back into their outputs. In addition, all
terminals are fully protected against up to 4 kV of
electrostatic discharge.
The TC4421A/TC4422A inputs may be driven directly
from either TTL or CMOS (3V to 18V). In addition,
300 mV of hysteresis is built into the input, providing
noise immunity and allowing the device to be driven
from slowly rising or falling waveforms.
With
both
surface-mount
and
pin-through-hole
packages, in addition to a wide operating temperature
range, the TC4421A/TC4422A family of 9A MOSFET
drivers fit into most any application where high gate/line
capacitance drive is required.
Package Types(1)
8-Pin
1
2
3
4
VDD
5
6
7
8
OUTPUT
GND
VDD
INPUT
NC
GND
OUTPUT
TC4421A
TC4422A
5-Pin TO-220
TC4421A
TC4422A
Tab is
Common
to VDD
Note 1: Duplicate pins must both be connected for proper operation.
2: Exposed pad of the DFN package is electrically isolated.
TC4421A TC4422A
VDD
OUTPUT
GND
OUTPUT
PDIP/SOIC
8-Pin DFN(2)
VDD
INPUT
NC
GND
2
3
4
5
6
7
8
1
TC4421A
TC4422A
VDD
OUTPUT
GND
OUTPUT
TC4421A TC4422A
VDD
OUTPUT
GND
OUTPUT
9A High-Speed MOSFET Drivers


Similar Part No. - TC4421A_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVMF MICROCHIP-TC4421AVMF Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVMF713 MICROCHIP-TC4421AVMF713 Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVOA MICROCHIP-TC4421AVOA Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVOA713 MICROCHIP-TC4421AVOA713 Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Similar Description - TC4421A_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com