Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4421 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4421
Description  9A High-Speed MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4421_13 Datasheet HTML 3Page - Microchip Technology TC4421_13 Datasheet HTML 4Page - Microchip Technology TC4421_13 Datasheet HTML 5Page - Microchip Technology TC4421_13 Datasheet HTML 6Page - Microchip Technology TC4421_13 Datasheet HTML 7Page - Microchip Technology TC4421_13 Datasheet HTML 8Page - Microchip Technology TC4421_13 Datasheet HTML 9Page - Microchip Technology TC4421_13 Datasheet HTML 10Page - Microchip Technology TC4421_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21420E-page 7
TC4421/TC4422
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-13:
Propagation Delay vs. Input
Amplitude.
FIGURE 2-14:
Crossover Energy vs.
Supply Voltage.
FIGURE 2-15:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-16:
Propagation Delay vs.
Temperature.
FIGURE 2-17:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-18:
Low-State Output
Resistance vs. Supply Voltage.
120
110
100
90
80
70
60
50
40
30
20
10
0
12345
6
7
8
9
10
Input Amplitude (V)
VDD = 10V
CLOAD = 10,000 pF
tD1
tD2
10-7
10-6
NOTE:
The values on this graph represent the loss seen
by the driver during a complete cycle. For the loss
in a single transition, divide the stated value by 2.
46
8
10
12
14
16
18
VDD (V)
10-8
6
46
8
10
12
14
16
18
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
VDD (V)
TJ = 150°C
TJ = 25°C
50
–40 –20
0
20
40
60
80
100 120
–60
45
40
35
30
25
20
TA (°C)
tD1
tD2
VDD = 18V
CLOAD = 10,000 pF
VIN = 5V
102
-40 -20
0
20
40
60
80 100 120
-60
VDD = 18V
Input = 1
Input = 0
TJ (°C)
103
46
8
10
12
14
16
18
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
VDD (V)
TJ = 150°C
TJ = 25°C


Similar Part No. - TC4421_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421AVMF MICROCHIP-TC4421AVMF Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVMF MICROCHIP-TC4421AVMF Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
More results

Similar Description - TC4421_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421A MICROCHIP-TC4421A_13 Datasheet
385Kb / 22P
   9A High-Speed MOSFET Drivers
11/29/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com