Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12LP19E Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Power, High-Gain Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 2Page - Microchip Technology SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005041C
05/13
6
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP19E
Data Sheet
Electrical Specifications
The RF and DC specifications for the power amplifier interface signals. Refer to Table 4 for the DC voltage and
current specifications. Refer to Figures 4 through 14 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Input power to pin 2 (PIN). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5 dBm
Average output power from pins 6 and 7 (POUT)1 for 8-contact XSON . . . . . . . . . . . . . . . . . +26 dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the max-
imum rating of average output power could cause permanent damage to the device.
Average output power from pin 6 (POUT)1 for 6-contact XSON/X2SON. . . . . . . . . . . . . . . . . +26 dBm
Supply Voltage to pins1, 3, and 8 (VCC) for 8-contact XSON. . . . . . . . . . . . . . . . . . . . . -0.3V to +4.6V
Supply Voltage to pins 1, 3, and 6 (VCC) for 6-contact XSON/X2SON . . . . . . . . . . . . . -0.3V to +4.6V
Reference voltage to pin 4 (VREF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +3.3V
DC supply current (ICC)2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mA
2. Measured with 100% duty cycle 54 Mbps 802.11g OFDM Signal
Operating Temperature (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +85ºC
Storage Temperature (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40ºC to +120ºC
Maximum Junction Temperature (TJ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150ºC
Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Table 3: Operating Range
Range
Ambient Temp
VDD
Industrial
-40°C to +85°C
3.3V
T3.1 75041


Similar Part No. - SST12LP19E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SST12LP19E ETC2-SST12LP19E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12LP19E-NR MICROCHIP-SST12LP19E-NR Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12LP19E-NR-K MICROCHIP-SST12LP19E-NR-K Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12LP19E-QX6E MICROCHIP-SST12LP19E-QX6E Datasheet
438Kb / 24P
   2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
More results

Similar Description - SST12LP19E

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Silicon Storage Technol...
SST12LP07A SST-SST12LP07A Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12CP11 SST-SST12CP11 Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com