Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3386H-1-203LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3386H-1-203LF
Description  3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3386H-1-203LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3386H-1-203LF Datasheet HTML 1Page - Bourns Electronic Solutions 3386H-1-203LF Datasheet HTML 2Page - Bourns Electronic Solutions 3386H-1-203LF Datasheet HTML 3Page - Bourns Electronic Solutions 3386H-1-203LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9.53
(.375)
5.64
(.222)
5.97
± .89
(.235
± .035)
.38
(.015)
Common Dimensions
Side Adjust Models H,S,W
3.56
± .38
(.140
± .015)
3.81
(.150)
1
32
4.83
(.190)
3386B
2.54
(.100)
1
32
3386C
1.40
± .38
(.055
± .015)
13
2
3386H
2.44
(.096)
3.81
(.150)
1
32
3386J
2.44
(.096)
3
12
3386S
2.44
(.096)
3
12
3386W
31
2
3386X
ADJ. SLOT
.76
(.030)
.76
(.030)
3.15
(.124)
3.56
± .38
(.140
± .015)
1.40
± .38
(.055
± .015)
3.81
(.150)
WIDE
X
X
DEEP
LONG
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
3.81
(.150)
MIN.
9.53
(.375)
5.33
(.210)
.51
± .05
(.020
± .002)
5.97
± .89
(.235
± .035)
.38
(.015)
Common Dimensions
Side Adjust Models B,C,J,X
ADJ. SLOT
.76
(.030)
.76
(.030)
3.15
(.124)
WIDE
X
X
DEEP
LONG
9.53
(.375)
9.53
(.375)
MIN.
DIA. PINS
.51
± .05
(.020
± .002)
DIA. PINS
3.81
(.150)
3.81
(.150)
Features
Single Turn / Cermet / Industrial / Sealed
Available on tape and reel
Available with a knob for finger adjust
Available with extended shaft
Available with cross-slot rotor
Top and side adjust types (F, P, H, W, X
most popular)
RoHS compliant* version available
For trimmer applications/processing
guidelines, click here
3386 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
......................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
....................................... 2 ohms max.
Contact Resistance Variation
........................... 2 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage .................................. ±0.05 %
Resistance ............................ ±0.15 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 900 vac
70,000 Feet ............................ 350 vac
Adjustment Angle ................. 280 ° nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C ...................................... 0.5 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 103
96 hours
(2 %
ΔTR, 10 Megohms min.)
Vibration ....... 30 G (1 %
ΔTR; 1 % ΔVR)
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life.. 1,000 hours 0.5 watt @ 70 °C
(3 %
ΔTR; 1 % or 1 ohm,
whichever is greater, CRV)
Rotational Life .......................200 cycles
(4 %
ΔTR; 1 % or 1 ohm,
whichever is greater, CRV)
Physical Characteristics
Mechanical Angle ................. 310 ° nom.
Torque............................. 5.0 oz-in. max.
Stop Strength ............... 15.0 oz -in. min.
Terminals ....................... Solderable pins
Weight ....................................... 0.03 oz.
Marking........................... Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Wiper ............... 50 % (Actual TR) ±10 %
Adjustment Tool..............................H-90
Product Dimensions
How To Order
3386 P - 1 - 103 T __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
-EY5 = Extended Shaft
Resistance Code
Optional Suffix Letter
T = Knob**
Packaging Designator
Blank = Tube (Standard)
R = Tape & Reel (W and U Pin Styles Only)
A = Ammo Pack (W and U Pin Styles Only)
Terminations
LF = 100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
**Knob option is available only in standard tube
packaging.
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular distribution resistance values listed in
boldface. Special resistances available.


Similar Part No. - 3386H-1-203LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3386H-1-203LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386W-1-104 BOURNS-3386W-1-104 Datasheet
414Kb / 3P
   3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3386P-1-503 BOURNS-3386P-1-503 Datasheet
296Kb / 3P
   3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3386W-1-202LF BOURNS-3386W-1-202LF Datasheet
414Kb / 3P
   3386 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3386F-1-504LF BOURNS-3386F-1-504LF Datasheet
168Kb / 3P
   3386 - 3/8 ??Square Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
   3386 - 3/8 ??Square Trimming Potentiometer
3386X-1-102TLF BOURNS-3386X-1-102TLF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
   3/8 Square Trimpot짰 Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
   3/8 ??Square Trimpot짰 Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com