Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX430F064H Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC32MX430F064H
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
Download  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX430F064H Datasheet(HTML) 4 Page - Microchip Technology

  PIC32MX430F064H Datasheet HTML 1Page - Microchip Technology PIC32MX430F064H Datasheet HTML 2Page - Microchip Technology PIC32MX430F064H Datasheet HTML 3Page - Microchip Technology PIC32MX430F064H Datasheet HTML 4Page - Microchip Technology PIC32MX430F064H Datasheet HTML 5Page - Microchip Technology PIC32MX430F064H Datasheet HTML 6Page - Microchip Technology PIC32MX430F064H Datasheet HTML 7Page - Microchip Technology PIC32MX430F064H Datasheet HTML 8Page - Microchip Technology PIC32MX430F064H Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 344 page
background image
PIC32MX330/350/370/430/450/470
DS60001185B-page 4
Preliminary
 2012-2013 Microchip Technology Inc.
Pin Diagrams (Continued)
64-Pin QFN(1,2,3)
= Pins are up to 5V tolerant
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 12.3 “Peripheral
Pin Select”
for restrictions.
2:
Every I/O port pin (RAx-RGx), with the exception of RF6, can be used as a change notification pin (CNAx-CNGx). See
Section 12.0 “I/O Ports”
for more information.
3:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
AN22/RPE5/PMD5/RE5
SOSCO/RPC14/T1CK/RC14
AN23/PMD6/RE6
SOSCI/RPC13/RC13
AN27/PMD7/RE7
RPD0/INT0/RD0
AN16/C1IND/RPG6/SCK2/PMA5/RG6
RPD11/PMCS1/RD11
AN17/C1INC/RPG7/PMA4/RG7
SCL1/RPD10/PMCS2/RD10
AN18/C2IND/RPG8/PMA3/RG8
SDA1/RPD9/RD9
MCLR
RPD8/RTCC/RD8
AN19/C2INC/RPG9/PMA2/RG9
PIC32MX430F064H
VSS
VSS
OSC2/CLKO/RC15
VDD
OSC1/CLKI/RC12
AN5/C1INA/RPB5/VBUSON/RB5
VDD
AN4/C1INB/RB4
D+
PGED3/AN3/C2INA/RPB3/RB3
D-
PGEC3/AN2/C2INB/RPB2/CTED13/RB2
VUSB3V3
PGEC1/VREF-/CVREF-/AN1/RPB1/CTED12/RB1
VBUS
PGED1/VREF+/CVREF+/AN0/RPB0/PMA6/RB0
USBID/RF3
64 63 62 61 60 59 58 57 56 55
22 23 24 25 26 27 28 29 30 31
3
40
39
38
37
36
35
34
33
4
5
7
8
9
10
11
1
2
42
41
6
32
43
54
14
15
16
12
13
17 18 19 20 21
45
44
47
46
48
53 52 51 50 49
PIC32MX450F128H
PIC32MX450F256H
PIC32MX470F512H


Similar Part No. - PIC32MX430F064H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX420F032H MICROCHIP-PIC32MX420F032H Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX420F032H MICROCHIP-PIC32MX420F032H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX420F032H MICROCHIP-PIC32MX420F032H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX440F128H MICROCHIP-PIC32MX440F128H Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX440F128H MICROCHIP-PIC32MX440F128H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
More results

Similar Description - PIC32MX430F064H

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ32GP302 MICROCHIP-PIC24HJ32GP302_12 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com