Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5395LEVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5395LEVKIT
Description  1.7V to 5.5V Wide Input Supply Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5395LEVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5395LEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5395LEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Maxim Integrated │ 3
MAX5395L Evaluation Kit
Evaluates: MAX5395L—MAX5395N
www.maximintegrated.com
6) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software main
window appears, as shown in Figure 1.
7) Move the wiper scrollbar up until the edit box shows
255.
8) Press the
H = Open, W = Unchanged button in the
Standby Commands group box.
9) Verify that the DVM measures 10kΩ.
Figure 1. MAX5395L EV Kit Software Main Window


Similar Part No. - MAX5395LEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5395LATA+T MAXIM-MAX5395LATA+T Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
More results

Similar Description - MAX5395LEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX25301EVKIT MAXIM-MAX25301EVKIT Datasheet
579Kb / 7P
   1.7V to 5.5V Input Range
Rev 0; 8/20
MAX40006EVKIT MAXIM-MAX40006EVKIT Datasheet
763Kb / 7P
   1.7V to 5.5V Supply Voltage Range
Rev 0; 10/16
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
   1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX25308EVKIT MAXIM-MAX25308EVKIT Datasheet
671Kb / 8P
   1.7V to 5.5V Input Voltage Range
Rev 0; 4/21
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
   2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX40007EVKIT MAXIM-MAX40007EVKIT Datasheet
830Kb / 7P
   1.7V to 5.5V Single-Supply Operation
Rev 0; 1/17
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
MAX6078EVKIT MAXIM-MAX6078EVKIT Datasheet
589Kb / 6P
   2.3V to 5.5V Input Supply Range
Rev 0; 6/19
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
   Wide input voltage range (2.4V to 5.5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com