Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5216LPT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5216LPT
Description  Reference Design of 4??0mA Loop-Powered Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5216LPT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5216LPT Datasheet HTML 1Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 2Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 3Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 4Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 5Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 6Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 7Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 8Page - Maxim Integrated Products MAX5216LPT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Maxim Integrated │ 3
MAX5216LPT Evaluation Kit
Evaluates: Reference Design of
4–20mA Loop-Powered Transmitter
www.maximintegrated.com
Quick Start
Required Equipment
● MAX5216LPTEVkit
● TheEVkitboardisaplug-n-playdevicethatconnects
tothePCthroughaUSB-AtoMini-Bcable.
● TheEVkitispreloadedwiththedefaultfirmwarethat
communicates with the MAX5216LPT evaluation soft-
ware. Software can be installed and run on Windows
XP, Windows Vista, and Windows 7-based systems.
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
Procedure
TheEVkitisfullyassembledandtested.Followthesteps
belowtoverifyboardoperation:
1) Visit
www.maximintegrated.com/design/tools/
applications/evkit-software/ to download the latest
version of the EV kit software, MAX5216LPTGUIVxx.
ZIP. Unzip the file and run the setup.exe. Follow
the instructions to install the evaluation software on
your PC. The program files are copied and icons are
created in the Windows
Start | Programs menu.
2) ConnecttheMAX5216LPTtothePCthoughaUSBcable.
No additional driver is needed; Windows recognizes
the new device as a human interface device (HID) and
automatically finds and installs the appropriate driver for
it.Formoreinformation,checkthedevicepropertiesin:
Device Manager\Human Interface Control\USB Input
Device\Properties - > USB\VID_0B6A&PID_1234.
SeeFigure1.
3) Run the MAX5216LPT.exe program. The application’s
GUIappears,asshowninFigure2.
Component Suppliers
Note: Indicate that you are using the MAX5216LPT when contacting these component suppliers.
Figure 1. USB Input Device Properties
SUPPLIER
PHONE
WEBSITE
API Delevan
408-865-0344
www.delevan.com
Bourns, Inc.
408-496-0706
www.bourns.com
Citizen America Corp.
310-781-1460
www.citizencrystal.com
Fairchild Semiconductor
888-522-5372
www.fairchild.com
Hirose Electric Co., Ltd.
81-3-3491-9741
www.hirose.com
Kobiconn
800-346-6873
www.mouser.com/kobiconn
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
NXP Semiconductors
408-474-8142
www.nxp.com
Panasonic Corp.
800-344-2112
www.panasonic.com
Sullins Electronics Corp.
760-744-0125
www.sullinselectronics.com
Susumu International USA
208-328-0307
www.susumu-usa.com


Similar Part No. - MAX5216LPT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 11P
   3.3V Fixed VDD from On-Board LDO (MAX8510)
Rev 0; 11/12
MAX5216DACLITE MAXIM-MAX5216DACLITE Datasheet
1Mb / 11P
   3.3V Fixed VDD from On-Board LDO (MAX8510)
Rev 0; 11/12
MAX5216EVKIT MAXIM-MAX5216EVKIT Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX5216LPT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
   PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Analog Devices
AD693 AD-AD693 Datasheet
496Kb / 12P
   Loop-Powered 4.20 mA Sensor Transmitter
REV. A
logo
PHOENIX CONTACT
108133 PHOENIX-108133 Datasheet
4Mb / 85P
   Loop-powered dual-channel temperature transmitter
2017-09-21
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
   Loop Powered Indicator
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
   Loop Powered Isolator
logo
Texas Instruments
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com