Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1091L Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1091L
Description  Automotive Temperature Range Spread-Spectrum EconOscillator™
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1091L Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS1091L_13 Datasheet HTML 1Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 2Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 3Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 4Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 5Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 6Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 7Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 8Page - Maxim Integrated Products DS1091L_13 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS1091L
Automotive Temperature Range
Spread-Spectrum EconOscillator™
6
Maxim Integrated
Detailed Description
The DS1091L clock generator is capable of output fre-
quencies from 130kHz to 66.6MHz over the full automo-
tive temperature range (-40°C to +125°C). The device
can also produce a spread-spectrum (dithered) square-
wave output using four pin-selectable dither percent-
ages. Both center (DS1091LUA) and down (DS1091LUB)
dithering options are available. The device also features
two selectable dither rates.
The DS1091L is shipped from the factory programmed to
a customer-specified frequency.
Spread Spectrum
The DS1091L can reduce radiated emission peaks. The
dither percentage is controlled by the state of the SEL0
and SEL1 pins. The output frequency can be dithered
at 0%, ±1%, ±2%, and ±4%, centered around the pro-
grammed frequency (for the DS1091LUB this can be
down dithered by 0%, -2%, -4%, and -8%).
The two select pins SEL0 and SEL1 provide a means of
selecting the dither magnitudes as follows:
A triangle-wave generator injects a control signal into the
master oscillator to dither its output. The dither rate is a
function of the output frequency, fOUT, as well as the set-
ting of the DR pin (see the equation below). Figure 1A and
Figure 1B show a plot of the output frequency vs. time.
OUT
n
f
DITHER RATE
2
=
where n is defined in Table 2 as a function of output
frequency. For example, for an output frequency of
27.0MHz, the dither rate would be 13.2kHz for DR = 1
and 6.6kHz for DR = 0.
Power-Up
Upon the application of power, the DS1091L output is
held in the low state until tPU has elapsed. This removes
any possibility of erroneous output transitions during ini-
tial power-up.
DS1091L Frequency Spreading Profile as a Function of Dither %
Figure 1A. Center Dithered
Figure 1B. Down Dithered
Table 1. Dither Magnitude
Table 2. Value of n w.r.t. Output Frequency
SEL1
LOGIC
LEVEL
SEL0
LOGIC
LEVEL
DITHER MAGNITUDE (%)
DS1091LUA
DS1091LUB
0
0
No dither
No dither
0
1
Q
1
-2
1
0
Q
2
-4
1
1
Q
4
-8
OUTPUT FREQUENCY fOUT
(MHz)
n
fOUT (min)
fOUT (max)
DR = LOGIC
LEVEL 1
DR = LOGIC
LEVEL 0
0.130
0.260
4
5
0.261
0.521
5
6
0.522
1.042
6
7
1.043
2.083
7
8
2.084
4.167
8
9
4.168
8.333
9
10
8.334
16.667
10
11
16.668
33.333
11
12
33.334
66.667
12
13
TIME
1
DITHER FREQ
PROGRAMMED fOUT+
(1%, 2%, OR 4% OF fOUT)
PROGRAMMED fOUT-
(1%, 2%, OR 4% OF fOUT)
PROGRAMMED fOUT
DITHER
AMOUNT
(±1%, ±2%,
OR ±4%)
IF DITHER AMOUNT = 0%
TIME
1
DITHER FREQ
PROGRAMMED fOUT
PROGRAMMED fOUT-
(2%, 4%, OR 8% OF fOUT)
DITHER
AMOUNT
(-2%, -4%,
OR -8%)
IF DITHER AMOUNT = 0%


Similar Part No. - DS1091L_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
DS1091L MAXIM-DS1091L_12 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
More results

Similar Description - DS1091L_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_12 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
   Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com