Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F46K22 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F46K22
Description  Flash Memory Programming Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46K22 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F46K22 Datasheet HTML 6Page - Microchip Technology PIC18F46K22 Datasheet HTML 7Page - Microchip Technology PIC18F46K22 Datasheet HTML 8Page - Microchip Technology PIC18F46K22 Datasheet HTML 9Page - Microchip Technology PIC18F46K22 Datasheet HTML 10Page - Microchip Technology PIC18F46K22 Datasheet HTML 11Page - Microchip Technology PIC18F46K22 Datasheet HTML 12Page - Microchip Technology PIC18F46K22 Datasheet HTML 13Page - Microchip Technology PIC18F46K22 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
PIC18(L)F2XK22/4XK22
DS41398B-page 10
Advance Information
 2010 Microchip Technology Inc.
2.4
High-Level Overview of the
Programming Process
Figure 2-11 shows the high-level overview of the
programming process. First, a Bulk Erase is performed.
Next, the code memory, ID locations and data
EEPROM are programmed. These memories are then
verified to ensure that programming was successful. If
no errors are detected, the Configuration bits are then
programmed and verified.
FIGURE 2-11:
HIGH-LEVEL
PROGRAMMING FLOW
2.5
Entering and Exiting High-Voltage
ICSP Program/Verify Mode
As shown in Figure 2-12, the High-Voltage ICSP
Program/Verify mode is entered by holding PGC and
PGD low and then raising MCLR/VPP/RE3 to VIHH
(high voltage). Once in this mode, the code memory,
data EEPROM, ID locations and Configuration bits can
be accessed and programmed in serial fashion.
Figure 2-13 shows the exit sequence.
The sequence that enters the device into the Program/
Verify mode places all unused I/Os in the high-impedance
state.
FIGURE 2-12:
ENTERING HIGH-VOLTAGE
PROGRAM/VERIFY MODE
FIGURE 2-13:
EXITING HIGH-VOLTAGE
PROGRAM/VERIFY MODE
Start
Program Memory
Program IDs
Program Data EE
Verify Program
Verify IDs
Verify Data
Program
Configuration Bits
Verify
Configuration Bits
Done
Perform Bulk
Erase
MCLR/VPP/RE3
P12
PGD
PGD = Input
PGC
VDD
D110
P13
P1
MCLR/VPP/RE3
P16
PGD
PGD = Input
PGC
VDD
D110
P17
P1


Similar Part No. - PIC18F46K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F46K22 MICROCHIP-PIC18F46K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46K22-E/ML MICROCHIP-PIC18F46K22-E/ML Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46K22-E/ML MICROCHIP-PIC18F46K22-E/ML Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46K22-E/MV MICROCHIP-PIC18F46K22-E/MV Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F46K22-E/MV MICROCHIP-PIC18F46K22-E/MV Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC18F46K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com