Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F726 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F726
Description  20-Pin Flash Microcontrollers
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F726 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F726 Datasheet HTML 4Page - Microchip Technology PIC16F726 Datasheet HTML 5Page - Microchip Technology PIC16F726 Datasheet HTML 6Page - Microchip Technology PIC16F726 Datasheet HTML 7Page - Microchip Technology PIC16F726 Datasheet HTML 8Page - Microchip Technology PIC16F726 Datasheet HTML 9Page - Microchip Technology PIC16F726 Datasheet HTML 10Page - Microchip Technology PIC16F726 Datasheet HTML 11Page - Microchip Technology PIC16F726 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 254 page
background image
PIC16(L)F720/721
DS41430D-page 8
 2010-2013 Microchip Technology Inc.
FIGURE 1-1:
20-PIN DEVICE BLOCK DIAGRAM FOR PIC16F720/721
Flash
Program
Memory
8K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
368 x 8
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
CLKIN
CLKOUT
MCLR VDD
PORTA
PORTB
PORTC
RA4
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
8
8
Brown-out
Reset
AUSART
Timer0
Timer1
Timer2
RA3
RA1
RA0
8
3
Analog-To-Digital Converter
RB6
RB7
VSS
T0CKI
T1G
T1CKI
Synchronous
SDA SCL
SS
SDO
Serial Port
SDI/ SCK/
TX/CK RX/DT
Internal
Oscillator
Block
Configuration
Flash
Program
Memory
8K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
368 x 8
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
MCLR VDD
PORTB
PORTC
RC1
8
8
Brown-out
Reset
AUSART
Timer0
Timer1
Timer2
8
3
VSS
T0CKI
T1CKI
Synchronous
SDA SCL
SS
SDO
Serial Port
SCK/
Configuration
Flash
Program
Memory(1)
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers(1)
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode &
Control
Timing
Generation
MCLR VDD
PORTB
PORTC
RA5
8
8
Timer0
Timer1
Timer2
RA2
8
3
RB4
RB5
VSS
T0CKI
T1CKI
Synchronous
SDA SCL
SS
SDO
Serial Port
SCK/
Configuration
CCP1
CCP1
AN9
AN0 AN1 AN2 AN3 AN4
AN8
AN10 AN11
LDO
Regulator
AUSART
ICSPCLK
ICSPDAT
ICSP™
AN6
AN5
AN7
PMDATL
PMADRL
Self read/
write Flash
memory
Note:
PIC16(L)F720 – 2k x 14 Flash, 128 x 8 RAM
PIC16(L)F721 – 4k x 14 Flash, 256 x 8 RAM.


Similar Part No. - PIC16F726

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F726 MICROCHIP-PIC16F726 Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F726 MICROCHIP-PIC16F726 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC16F726-E/ML MICROCHIP-PIC16F726-E/ML Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F726-E/P MICROCHIP-PIC16F726-E/P Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F726-E/PT MICROCHIP-PIC16F726-E/PT Datasheet
4Mb / 302P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
More results

Similar Description - PIC16F726

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
PIC16F1507 MICROCHIP-PIC16F1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16LF1507 MICROCHIP-PIC16LF1507 Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1507-E MICROCHIP-PIC16F1507-E Datasheet
2Mb / 266P
   20-Pin Flash, 8-Bit Microcontrollers
05/02/11
PIC16F1764 MICROCHIP-PIC16F1764 Datasheet
7Mb / 563P
   14/20-Pin, 8-Bit Flash Microcontrollers
10/25/17
PIC16LF1824T39A MICROCHIP-PIC16LF1824T39A_12 Datasheet
6Mb / 418P
   20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com