Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12F752 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 4Page - Microchip Technology PIC12F752 Datasheet HTML 5Page - Microchip Technology PIC12F752 Datasheet HTML 6Page - Microchip Technology PIC12F752 Datasheet HTML 7Page - Microchip Technology PIC12F752 Datasheet HTML 8Page - Microchip Technology PIC12F752 Datasheet HTML 9Page - Microchip Technology PIC12F752 Datasheet HTML 10Page - Microchip Technology PIC12F752 Datasheet HTML 11Page - Microchip Technology PIC12F752 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 238 page
background image
PIC16F753/HV753
DS40001709A-page 8
Preliminary
 2013 Microchip Technology Inc.
TABLE 1-1:
PIC16F753/HV753 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/C1IN0+/C2IN0+/AN0/
DACOUT/REFOUT/
ICSPDAT
RA0
TTL
HP
General purpose I/O with IOC and WPU.
C1IN0+
AN
Comparator C1 positive input.
C2IN0+
AN
Comparator C2 positive input.
AN0
AN
A/D Channel 0 input.
DACOUT
AN
DAC unbuffered Voltage Reference output.
REFOUT
AN
DAC/FVR buffered Voltage Reference output.
ICSPDAT
ST
HP
Serial Programming Data I/O.
RA1/C1IN0-/C2IN0-/AN1/
VREF+/FVRIN/ICSPCLK
RA1
TTL
CMOS
General purpose I/O with IOC and WPU.
C1IN0-
AN
Comparator C1 negative input.
C2IN0-
AN
Comparator C2 negative input.
AN1
AN
A/D Channel 1 input.
VREF+
AN
A/D Positive Voltage Reference input.
FVRIN
AN
Voltage reference input.
ICSPCLK
ST
Serial Programming Clock.
RA2/INT/CCP1/C2OUT/
C1OUT/T0CKI/
COG1OUT0(2)/AN2/
COG1FLT
RA2
ST
HP
General purpose I/O with IOC and WPU.
INT
ST
External interrupt.
CCP1
ST
HP
Capture/Compare/PWM 1.
C2OUT
HP
Comparator C2 output.
C1OUT
HP
Comparator C1 output.
T0CKI
ST
Timer0 clock input.
COG1OUT0
HP
COG output channel 0.
AN2
AN
A/D Channel 2 input.
COG1FLT
ST
COG auto-shutdown fault input.
RA3(1)/T1G(3)/VPP/MCLR(4)
RA3
TTL
General purpose input with WPU.
T1G
ST
Timer1 Gate input.
VPP
HV
Programming voltage.
MCLR
ST
Master Clear w/internal pull-up.
RA4/T1G(2)/COG1OUT1(3)/
COG1FLT(2)/C1IN1-/AN3/
CLKOUT
RA4
TTL
CMOS
General purpose I/O with IOC and WPU.
T1G
ST
Timer1 Gate input.
COG1OUT1
CMOS
COG output channel 1
COG1FLT
ST
COG auto-shutdown fault input.
C1IN1-
AN
Comparator C1 negative input.
AN3
AN
A/D Channel 3 input.
CLKOUT
CMOS
FOSC/4 output.
RA5/T1CKI/COG1OUT0(3)/
C2IN1-/CLKIN
RA5
TTL
CMOS
General purpose I/O with IOC and WPU.
T1CKI
ST
Timer1 clock input.
COG1OUT0
CMOS
COG output channel 0.
C2IN1-
AN
Comparator C2 negative input.
CLKIN
ST
External Clock input (EC mode).
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HP = High Power
HV
= High Voltage
*
Alternate pin function.
Note 1:
Input only.
2:
Default pin function via the APFCON register.
3:
Alternate pin function via the APFCON register.
4:
RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word.


Similar Part No. - PIC12F752

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
   8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
   8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
More results

Similar Description - PIC12F752

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
   14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com